Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P-RJE4E-188-1XX1 Datasheet(PDF) 1 Page - Amphenol Communications Solutions

Part # P-RJE4E-188-1XX1
Description  ESD TRAY PACKAGE - RoHS COMPLIANT WITH LED, SUITABLE FOR REFLOW PROCESS, JACK, 8P8C, SHIELDED WITH TOP AND SIDE TABS, RJ45(CAT5e) OVER USB TYPE C MODULAR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

P-RJE4E-188-1XX1 Datasheet(HTML) 1 Page - Amphenol Communications Solutions

  P-RJE4E-188-1XX1 Datasheet HTML 1Page - Amphenol Communications Solutions P-RJE4E-188-1XX1 Datasheet HTML 2Page - Amphenol Communications Solutions P-RJE4E-188-1XX1 Datasheet HTML 3Page - Amphenol Communications Solutions P-RJE4E-188-1XX1 Datasheet HTML 4Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
0.25
.010
0.50
.020
12.08
.476
3.40
.134
16.10
.634
2. TYPE C
HOUSING: HIGH TEMPERATURE THERMOPLASTIC
FLAMMABILITY RATING UL 94V-0, COLOR: BLACK
CONTACTS: PHOSPHOR BRONZE
PLATING: 30u'' [0.76 MICRONS] MIN. GOLD OVER
50u'' [1.27 MICRONS] MIN. NICKEL ON THE MATING
AREA WITH MATTE TIN OVER NICKEL ON THE TAILS.
SHIELD:
STAINLESS STEEL, 50u'' [1.27 MICRONS] MIN. NICKEL
OVERALL .
AMPHENOL PART NUMBER: RJE4E-188-1XX1
NOTES:
1. RJ45:
HOUSING: HIGH TEMPERATURE THERMOPLASTIC
FLAMMABILITY RATING UL 94V-0, COLOR: BLACK
CONTACTS: PHOSPHOR BRONZE, PLATING: SELECTIVE GOLD PLATING
ON THE MATING AREA, 50u'' [1.27 MICRONS] MIN. NICKEL
UNDERPLATE, WITH 100u" MATTE TIN PLATING ON THE TAILS,
SHIELD:
STAINLESS STEEL WITH TIN FINISHED PCB TAILS.
RJ45 PORT CAPABLE OF SUPPORTING 1000BASE-T or 2.5GBASE-T.
CATEGORY 5e PERFORMANCE:
FREQUENCY
MHZ
NEAR-END
CROSS TALK
dB,MIN.
RETURN LOSS
dB , MIN.
INSERTION LOSS
dB,MAX.
1.0
65
30
0.1
4.0
65
30
0.1
8.0
64.9
30
0.1
10.0
63
30
0.1
16.0
58.9
30
0.2
20.0
57
30
0.2
25.0
55
30
0.2
31.25
53.1
30
0.2
62.5
47.1
24.1
0.3
100.0
43
20
0.4
GOLD PLATING OPTION
1= 6u" GOLD PLATING
2= 15u" GOLD PLATING
3= 30u" GOLD PLATING
4= 50u" GOLD PLATING
REFER TO LED OPTIONS
DRAWING FOR
ORDERING CODES
1
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
AB
C
D
E
F
GH
2
1
2
JUL16/18
A.GREEN
OF 4
B
SCALE:
6
1
Commerical Products
Amphenol Canada Corp.
P-RJE4E-188-1XX1
SHEET
0.38
ESD TRAY PACKAGE - RoHS COMPLIANT
JACK.GUO
NEW PROPOSAL RELEASE
JUL16/2018
WITH LED, SUITABLE FOR REFLOW PROCESS,
JACK, 8P8C, SHIELDED WITH TOP AND SIDE TABS,
JUL16/18
03554
4:1
X
MILLIMETERS
RJ45(CAT5e) OVER USB TYPE C MODULAR
1.5
0.25
EAR RJ18136
L.CHAN
L.CHAN
A
INCHES
0.13
JUL16/18
16.80
.661
16.30
.642
A1
A12
B12
B1
.101
2.56
6.69
.263
8.34
.328
.142
3.60
20.80
.819
24.58
.968
3.60±0.25
.142±.010
1.40
.055
1.00
.039


Similar Part No. - P-RJE4E-188-1XX1

ManufacturerPart #DatasheetDescription
logo
Amphenol Communications...
P-RJE45-188-1XX1 AMPHENOLCS-P-RJE45-188-1XX1 Datasheet
2Mb / 3P
VERTICAL MODULAR JACK SINGLE PORTS, 8 POSITION, 8 CONTACTS, REFLOW LED, SHIELDED, CAT6 TRAY PACKAGING —RoHS COMPLIANT
D
More results

Similar Description - P-RJE4E-188-1XX1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4-1775855-1 MACOM-4-1775855-1 Datasheet
344Kb / 5P
MODULAR JACK, RJ45, STACKED OVER USB CONN.
logo
Amphenol Corporation
RJHSE-5385-04 AMPHENOL-RJHSE-5385-04 Datasheet
1Mb / 2P
HIGH SPEED, RJ45 MODULAR JACK, 8 POSITION, 8 CONTACTS SHIELDED WITH LEDS - ROHS COMPLIANT
logo
List of Unclassifed Man...
A20-108-261-310 ETC2-A20-108-261-310 Datasheet
291Kb / 2P
RJ45 MODULAR JACK WITH LED
logo
Amphenol Corporation
RJHSE-5480 AMPHENOL-RJHSE-5480 Datasheet
571Kb / 2P
HIGH SPEED RJ45 MODULAR JACK, 8 POSITION 8 CONTACTS, SHIELDED, WITH LEDs - RoHS COMPLIANT
logo
Wurth Elektronik GmbH &...
634008137521 WURTH-634008137521 Datasheet
2Mb / 3P
HORIZONTAL SHIELDED SMT WITH LED AND EMI PANEL FINGER 8P8C MODULAR JACK TAB UP
logo
Abracon Corporation
ASAK ABRACON-ASAK Datasheet
1Mb / 3P
Suitable for RoHS compliant reflow
11.09.15
logo
Molex Electronics Ltd.
0855075001 MOLEX1-0855075001_18 Datasheet
31Kb / 2P
Modular Jack, Cat5e, Vertical, Top Entry, Through Hole, 8/8, Int. Shielded, with Ribs,Tray
0855085001 MOLEX1-0855085001_18 Datasheet
33Kb / 2P
Modular Jack, Cat5e, Vertical,Top Entry, Through Hole, 8/8, Shielded, Tray
logo
Amphenol Communications...
P-RJE3B-188-1X01 AMPHENOLCS-P-RJE3B-188-1X01 Datasheet
392Kb / 2P
MODULAR JACK, SINGLE PORT, 8P8C, SHIELDED, TAB UP, WITHOUT LED, CAT 6, RoHS COMPLIANT
Rev. A
P-RJE3C-188-0XX2 AMPHENOLCS-P-RJE3C-188-0XX2 Datasheet
418Kb / 3P
MODULAR JACK, SINGLE PORT, 8P8C, UNSHIELDED, TAB UP, W/ LED, WITH POSITION PEG, CAT 6A, RoHS COMPLIANT
Rev. A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com