Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7301 Datasheet(PDF) 1 Page - Mitutoyo America Corporation. All rights reserved.

Part # 7301
Description  Dial Thickness Gages
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITUTOYO [Mitutoyo America Corporation. All rights reserved.]
Direct Link  https://www.mitutoyo.com/
Logo MITUTOYO - Mitutoyo America Corporation. All rights reserved.

7301 Datasheet(HTML) 1 Page - Mitutoyo America Corporation. All rights reserved.

  7301 Datasheet HTML 1Page - Mitutoyo America Corporation. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
230
85
20
ball
ø3.5
85
30
ø10
Unit: mm
30
ø6
ø4.8
Reversible anvil
85
SR3
ø4 ball
30
6.5
85
1
ø10
175
120
7301
Dial Thickness Gages
SERIES 7
Dimensions
Standard (Type A)
Deep throat (Type B)
Lens thickness (Type C)
Groove (Type D)
Tube thickness (Type E)
Inch
Graduation Range
Order No. Mass
Remarks (Applications)
.0001"
0 - .05"
7326
.5 lbs.
For paper (film, wire) thickness
.001"
0 - .4"
7300
.47 lbs. Type A: Standard type
7320
.82 lbs. Type B: Deep throat type
0 - 1"
7304
.48 lbs. Type A: Standard type
SPECIFICATIONS
Metric
Graduation Range
Order No. Mass
Remarks (Applications)
0.001mm
0 - 1mm
7327
230g
Type A: Standard type
0.01mm
0 - 10mm 7301
212g
Type A: Standard type
7321
371g
Type B: Deep throat type
7313
224g
Type C: For lens thickness
7315
217g
Type D: For groove thickness
7360
199g
Type E: For tube thickness
0 - 20mm 7305
217g
Type A: Standard type
7323
371g
Type B: Deep throat type
The Dial Thickness Gages offer a quick and efficient means of
inspection with their convenient grip handle, thumb trigger and
spring-loaded spindle. The various models cover a wide range of
applications.
7321


Similar Part No. - 7301

ManufacturerPart #DatasheetDescription
logo
Coto Technology
7301 COTO-7301 Datasheet
1Mb / 4P
7000 SERIES/HIGH RELIABILITY REED RELAYS
logo
C&K Components
7301 CK-COMPONENTS-7301 Datasheet
1Mb / 22P
Miniature Rocker Lever Handle Switches
logo
Heyco.
7301 HEYCO-7301 Datasheet
132Kb / 1P
Female Pin Connectors
logo
Kimberly-Clark Worldwid...
7301 KLEENGUARD-7301 Datasheet
854Kb / 3P
Floor Stand Wiper Dispenser - Large Roll / Blue - 6154
23/07/2020
logo
Pomona Electronics
73010 POMONA-73010 Datasheet
148Kb / 2P
MCX JACK STRAIGHT CRIMP, RG174, 316
More results

Similar Description - 7301

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CT-23 BOURNS-CT-23 Datasheet
187Kb / 1P
Turns-Counting Dial
H-550 BOURNS-H-550 Datasheet
26Kb / 1P
Turns-Counting Dial
H-490 BOURNS-H-490 Datasheet
323Kb / 1P
Turns-Counting Dial
H-506 BOURNS-H-506 Datasheet
28Kb / 1P
Turns-Counting Dial
CT-23 BOURNS-CT-23_07 Datasheet
191Kb / 1P
Turns-Counting Dial
H-22 BOURNS-H-22_10 Datasheet
161Kb / 1P
Turns-Counting Dial
H-46 BOURNS-H-46_14 Datasheet
206Kb / 1P
Turns-Counting Dial
H-516-6A BOURNS-H-516-6A Datasheet
57Kb / 3P
Dial
logo
TT Electronics.
2600 TTELEC-2600 Datasheet
486Kb / 2P
Turn Counting Dial
logo
List of Unclassifed Man...
505-730 ETC-505-730 Datasheet
188Kb / 1P
Dial Caliper
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com