Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7760 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7760
Description  AD7760/AD7762 Evaluation Board using EVAL-CED1Z
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7760 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7760 Datasheet HTML 15Page - Analog Devices AD7760 Datasheet HTML 16Page - Analog Devices AD7760 Datasheet HTML 17Page - Analog Devices AD7760 Datasheet HTML 18Page - Analog Devices AD7760 Datasheet HTML 19Page - Analog Devices AD7760 Datasheet HTML 20Page - Analog Devices AD7760 Datasheet HTML 21Page - Analog Devices AD7760 Datasheet HTML 22Page - Analog Devices AD7760 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
EVAL-AD7760/AD7762EDZ
Rev. PrB | Page 21 of 23
R13
0r
0603
SMD Resistor
Do not insert
R14
0r
0603
SMD Resistor
FEC 1357983
R15
0r
0603
SMD Resistor
FEC 1357983
R16
0r
0603
SMD Resistor
FEC 1357983
R17
1r
0402
SMD Resistor
FEC 9238123
R18
0r
0603
SMD Resistor
FEC 1357983
R19
160k
0603
SMD Resistor
FEC 9330682
R20
10k
0603
SMD Resistor
FEC 9330399
R21
0r
0603
SMD Resistor
FEC 1357983
R22
0R
0603
SMD Resistor
FEC 1357983
R23
0R
0603
SMD Resistor
FEC 9331662
R24
0r
0603
SMD Resistor
FEC 1357983
R25
0r
0603
SMD Resistor
FEC 1357983
R26
10k
0603
SMD Resistor
FEC 9330399
R27
10k
0603
SMD Resistor
FEC 9330399
R28
10K
0603
SMD Resistor
FEC 9330399
R29
0r
0603
SMD Resistor
FEC 1357983
R30
100R
0402
SMD Resistor
FEC 9239111
R31
51R
0603
SMD Resistor
FEC 9331336
R32
0r
0603
SMD Resistor
FEC 1357983
R33
0r
0603
SMD Resistor
FEC 1357983
R34
220k
0603
SMD Resistor
FEC 9330836
R35
100R
0603
SMD Resistor
FEC 9330364
R36
68k
0603
SMD Resistor
FEC 9331468
R37
110k
0603
SMD Resistor
FEC 9330461
R38
10R
0603
SMD Resistor
FEC 9330429
R39
100k
0603
SMD Resistor
FEC 9330402
R40
0r
0603
SMD Resistor
FEC 1357983
R41
0r
0603
SMD Resistor
FEC 1357983
R42
0r
0603
SMD Resistor
FEC 1357983
R43
0r
0603
SMD Resistor
FEC 1357983
R44
0r
0603
SMD Resistor
FEC 1357983
R45
100r
0603
SMD Resistor
Do not insert
R46
0r
0603
SMD Resistor
Do not insert
S1
SW_PB_SMD_6MM
SMD Push Button Switch (sealed 6mm x 6mm)
FEC 177-807
U1
AD7760BSV
LQFP64_PADDLE
ADC
AD7760BSVZ
AD7762BSVZ
U2
NC7S08
SOT23-5
Single Gate TTL
FEC 1013807
U3
ADR434
SO8NB
Voltage Reference
ADR434ARZ
U4
ADP3330
SOT23-6
Low Dropout Regulator
ADP3330ARTZ-2.5
U6
ADP3334
MSO8
Low Dropout Regulator
ADP3334ARMZ
U9
ADP3334
MSO8
Low Dropout Regulator
ADP3334ARMZ
U11
ADP3330
SOT23-6
Low Dropout Regulator
ADP3330ARTZ-5
U12
7408
TSSOP-14
QUAD 2-INPUT POS-AND GATE
FEC 1102978
U14
ADM6711
SC70-4(LARGE_PIN_2)
Reset Generator
ADM6711ZAKSZ
U16
NC7S08
SOT23-5
Single Gate TTL
FEC 1013807
Y1
40MHz
OSC_DIP8
OSC-8DIP MX045HS40M0000
Digikey CTX175-ND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com