Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5901 Datasheet(PDF) 9 Page - Analog Devices

Part # ADF5901
Description  Evaluation Board for the ADF5901, ADF5904, and ADF4159 Chipset for a 24 GHz FMCW Radar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5901 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF5901 Datasheet HTML 5Page - Analog Devices ADF5901 Datasheet HTML 6Page - Analog Devices ADF5901 Datasheet HTML 7Page - Analog Devices ADF5901 Datasheet HTML 8Page - Analog Devices ADF5901 Datasheet HTML 9Page - Analog Devices ADF5901 Datasheet HTML 10Page - Analog Devices ADF5901 Datasheet HTML 11Page - Analog Devices ADF5901 Datasheet HTML 12Page - Analog Devices ADF5901 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
EV-RADAR-MMIC2 User Guide
UG-866
Rev. B | Page 9 of 28
ADF4159 CONTROLS
The ADF4159 Controls tab controls the ADF4159 device settings
(see Figure 5).
ADF4159 Main Controls
Use the Main Controls tab to select the RF and PLL settings. In
the RF Settings pane, set the RF VCO Output Frequency value to
half the ADF5901 VCO output. Set the Reference Frequency value
to the same frequency as the applied reference signal (TCXO or
external signal) as described in the Input Signals section. The
phase frequency detector (PFD) frequency is calculated from the
reference frequency, the R counter, the reference doubler, and
the reference divided by 2. Ensure that the PFD Frequency
value matches the value specified in the loop filter design.
In the PLL Settings section, program the Charge Pump Setting
to the value designed for the loop.
Program the Phase Detector Polarity to negative when using
an inverting active loop filter configuration (use a passive loop
filter on the EV-RADAR-MMIC).
Select the signal that is connected to the output of the
MUXOUT pin from the Muxout drop down menu.
The register values are shown at the bottom of the window.
When the background of a register value is green, it indicates
the value changed and must be written to the device. Clicking the
button below each register value writes that value to the device.
Figure 5. Main Controls Tab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com