Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJFC2B Datasheet(PDF) 3 Page - Amphenol PCD, Inc

Part # RJFC2B
Description  Ethernet Connection System for Harsh Environment –Industrial Ethernet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

RJFC2B Datasheet(HTML) 3 Page - Amphenol PCD, Inc

  RJFC2B Datasheet HTML 1Page - Amphenol PCD, Inc RJFC2B Datasheet HTML 2Page - Amphenol PCD, Inc RJFC2B Datasheet HTML 3Page - Amphenol PCD, Inc RJFC2B Datasheet HTML 4Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Amphenol Socapex Promenade de l’Arve – BP 29 – 74311 THYEZ - F
Tel. : + 33 (0) 4 50 89 28 00 - Fax : + 33 (0) 4 50 96 29 75
http://www.rjfield.com
Amphenol ®
Plug :
Shell type 6
With Plastic or Metal Gland
Receptacles :
Type 1 : Female RJ45
Type 2 : RJ45 Cordset
Back Terminations :
Type 2 - 00 : Solder – 8 tined holes
Square flange receptacle
4 mounting holes : Shell type 2
Panel Drilling
Jam nut receptacle
Hexagonal Nut mounting :
Shell type 7
Panel Drilling
IP67 In line receptacles :
Shell type 2PE and 7PE with
Plastic or Metal Gland
Notes : - Type 2 without RJ45 plug at the end of the cable are also available : consult factory
- Type 1 also available with 90° female RJ45



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com