Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56352 Datasheet(PDF) 2 Page - Stannol GmbH & Co KG

Part # 56352
Description  STANNOL - Solder Wires of the KS-Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANNOL [Stannol GmbH & Co KG]
Direct Link  https://www.stannol.de/en/
Logo STANNOL - Stannol GmbH & Co KG

56352 Datasheet(HTML) 2 Page - Stannol GmbH & Co KG

  56352 Datasheet HTML 1Page - Stannol GmbH & Co KG 56352 Datasheet HTML 2Page - Stannol GmbH & Co KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The above values are typical and represent no form of specification. The Data Sheet serves for information purposes. Any verbal or written advise is not binding for
the company, whether such information originates from the company offices or from a sales representative. This is also in respect of any protection rights of third
parties, and does not release the customer from the responsibility of verifying the products of the company for suitability of use for the intended process or purpose.
Should any liability on the part of the company arise, the company will only indemnify for loss or damage to the same extent as for defects in quality.
TDB_LD_ KS-Serie_EN
Page 2 of 2
Issue: 22.06.06
STANNOL GmbH
Oskarstraße 3-7
• 42283 Wuppertal • Tel. +49 (0)202-585-0 • Telefax +49 (0)202-585111 • E-Mail info@stannol.de • Web www.stannol.de
Wenn’s ums Löten geht
When it’s about soldering
Quand il s’agit du soudage
Physical Properties of the Flux:
General properties
KS100
KS110
KS115
EN 29454-1
1.2.3 (F-SW33)
1.2.2 (F-SW28)
Flux type:
EN 61190-1-1
REL0
REM1
Flux content:
EN 12224
3.0 weight % ± 0.3
Halide content:
EN 29455-6
0.0%
1.0%
1.5%
Corrosivity:
EN 29455-15
none
Surface Insulation
Resistance:
85 °C / 85 %RH,
IPC TM 650 2.6.3.3
>10
8
Ω
lead-free (ECOLOY
® Series):
ECOLOY
® TC (S-Sn99Cu1)
patent-free
ECOLOY
® TSC (Sn95,5Ag3,8Cu0,7)
ECOLOY
® TSC305 (Sn96,5Ag3,0Cu0,5)
ECOLOY
® TSC263 (Sn97,1Ag2,6Cu0,3)
patent-free
lead-free (FLOWTIN
® Series):
FLOWTIN
® TC (Sn99Cu1+ML)
Stannol patent pending
FLOWTIN
® TSC (Sn95,5Ag3,8Cu0,7+ML)
Stannol patent pending
Standard alloys:
FLOWTIN
® TSC263 (Sn97,1Ag2,6Cu0,3+ML)
Stannol patent pending
Available diameters:
from 0.3 mm
Available reel sizes:
250 g, 500 g, 1 kg
Other alloys, flux contents or reel sizes are available on request.
Health and Safety
Detailed information about health, operational safety and disposal can be found in our material safety data sheets,
which are available upon request.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com