Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC6018D2 Datasheet(PDF) 21 Page - Positronic.

Part # FC6018D2
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FC6018D2 Datasheet(HTML) 21 Page - Positronic.

Back Button FC6018D2 Datasheet HTML 17Page - Positronic. FC6018D2 Datasheet HTML 18Page - Positronic. FC6018D2 Datasheet HTML 19Page - Positronic. FC6018D2 Datasheet HTML 20Page - Positronic. FC6018D2 Datasheet HTML 21Page - Positronic. FC6018D2 Datasheet HTML 22Page - Positronic. FC6018D2 Datasheet HTML 23Page - Positronic. FC6018D2 Datasheet HTML 24Page - Positronic. FC6018D2 Datasheet HTML 25Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
Fixed Female Jackscrews
0.250[6.35]
0.028
[0.71] Ø
Push-on Fastener, Phosphor Bronze
Numbering shown is rear view of
male and face view of female.
0.156[3.96]
0.025[0.64]
0.028[0.71] Ø
0.037[0.94]
across points
0.170[4.32]
Fixed female
jackscrews
Push-on fastener,
beryllium copper
Numbering shown is rear view
of male and face view of female.
D - specify code 85
in step 4 of ordering
information
D - specify code 85 in step 4
of ordering information
0.156 [3.96]
0.028
[0.71]
0.028 [0.71]
Ø 1 place,
0.037 [0.94]
Across points
2 places
0.470 [11.94]
0.470 [11.94]
0.112 [2.84] Typ.
0.112 [2.84]
Typ.
0.170 [4.32]
Nominal
±0.008
Ø
Typical part number:
CBD17W2M85R7NT20
Typical part number:
CBD36W4M85R7NT20
CBD**85**** 0.283 [7.19] CONTACT EXTENSION
SHELL SIZE
A
B
C
D
SHELL SIZE 1
1.204
[30.58]
0.984
[24.99]
0.339
[8.61]
0.283
[7.19]
SHELL SIZE 2
1.532
[38.91]
1.312
[33.32]
0.339
[8.61]
0.283
[7.19]
SHELL SIZE 3
2.072
[52.63]
1.852
[47.04]
0.339
[8.61]
0.283
[7.19]
SHELL SIZE 4
2.720
[69.09]
2.500
[63.50]
0.339
[8.61]
0.283
[7.19]
*1SHELL SIZE 5
2.626
[66.70]
2.406
[61.11]
0.395
[10.03]
0.545
[13.84]
RIGHT ANGLE (90°) PRINTED BOARD MOUNT CONNECTOR
WITH FRT4201D OR MRT4201D SHIELDED CONTACTS
CODE 85
STRAIGHT PRINTED BOARD MOUNT CONNECTOR
WITH FDS4201D OR MDS4201D SHIELDED CONTACTS
CODE 65
Typical part number:
CBD17W2M65S60T20
*1NOTE:
Shell size 5 connectors are sup-
plied inverted when ordered with
right angle (90°) printed board
mount shielded contacts.
PROFESSIONAL, INDUSTRIAL AND MILITARY QUALITY
THREE PERFORMANCE LEVELS FOR BEST COST/PERFORMANCE RATIO
STANDARD DENSITY PCB MOUNT
Combo-D
D-Sub
Positronic
connectpositronic.com
15
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com