Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC6026D2AL Datasheet(PDF) 46 Page - Positronic.

Part # FC6026D2AL
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FC6026D2AL Datasheet(HTML) 46 Page - Positronic.

Back Button FC6026D2AL Datasheet HTML 42Page - Positronic. FC6026D2AL Datasheet HTML 43Page - Positronic. FC6026D2AL Datasheet HTML 44Page - Positronic. FC6026D2AL Datasheet HTML 45Page - Positronic. FC6026D2AL Datasheet HTML 46Page - Positronic. FC6026D2AL Datasheet HTML 47Page - Positronic. FC6026D2AL Datasheet HTML 48Page - Positronic. FC6026D2AL Datasheet HTML 49Page - Positronic. FC6026D2AL Datasheet HTML 50Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 86 page
background image
*1 CONTACT VARIANT
FACE VIEW OF MALE OR REAR VIEW OF FEMALE
SHELL SIZE 1
19W1
Eighteen Size 22 Signal Contacts
and One Size 8 Power Contact
*2 45W2
Forty-three Size 22 Signal Contacts
and Two Size 8 Power Contacts
SHELL SIZE 4
SHELL SIZE 2
8W2
Six Size 22 Signal Contacts and
Two Size 16 Power Contacts
NOTES:
*1 Additional contact variants may be tooled at customer request.
*2 45W2 variant currently available in female only. Contact Technical Sales for availability of male connector.
MECHANICAL CHARACTERISTICS, continued:
Shells:
Male shells may be dimpled for EMI/ESD
ground paths.
Polarization:
Trapezoidally shaped shells and polarized
jackscrews.
Locking Systems:
Jackscrews and vibration locking systems.
Mechanical Operations:
1000 operations minimum per IEC 60512-5.
ELECTRICAL CHARACTERISTICS:
SIZE 22 CONTACTS
Contact Current Rating:
5 amperes nominal.
Initial Contact Resistance:
0.005 ohms maximum.
Proof Voltage:
1000 V r.m.s.
SIZE 16 CONTACTS
POWER CONTACTS
Contact Current Rating - Tested per UL 1977:
Standard Contact Material:
28 amperes.
High Conductivity Contact Material:
40 amperes.
See Temperature Rise Curves on page 2 for details.
Initial Contact Resistance:
Standard Contact Material: 0.0016 ohms max. Per IEC 60512-
2, Test 2b.
High Conductivity
Contact Material:
0.001 ohms max. Per IEC 60512-2,
Test 2b.
Proof Voltage:
1000 V r.m.s.
SIZE 8 CONTACTS
POWER CONTACTS
For electrical characteristics, see page 4.
SHIELDED CONTACTS
For electrical characteristics, see page 69.
HIGH VOLTAGE CONTACTS
For electrical characteristics, see page 69.
CONNECTOR
Insulation Resistance:
5 G ohms.
Clearance and
Creepage Distance:
0.042 inch [1.06mm] minimum.
Working Voltage:
300 V r.m.s.
CLIMATIC CHARACTERISTICS:
Temperature Range:
-55°C to +125°C.
Damp Heat, Steady State:
10 days.
THERMOCOUPLE CONTACTS:
Size 22 crimp contacts are available. See page 71 for details.
PCB mount contacts are available in CBDD series, see page 27 for
details.
TECHNICAL CHARACTERISTICS, continued
continued from previous page. . . .
Note: Connectors can be kitted with
all applicable removable contacts,
contact Technical Sales for
connector part number.
40
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
PROFESSIONAL, INDUSTRIAL AND MILITARY QUALITY
THREE PERFORMANCE LEVELS FOR BEST COST/PERFORMANCE RATIO
HIGH DENSITY CRIMP / SOLDER REMOVABLE CONTACTS
Combo-D
D-Sub
Positronic
connectpositronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com