Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA-RSPNMB010 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CA-RSPNMB010
Description  COAXIAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CA-RSPNMB010 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CA-RSPNMB010 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MAY OCCUR
A
B
C
D
COLOR VARIATIONS
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
CA-RSPNMB
A
CA-RSPNMB.SLDDRW
11
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
PROJECTION
UNLESS OTHERWISE SPECIFIED,
UNDIMENSIONED FEATURES
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
RP-SMA Plug To N-Male Assembly w/Heatshrink
02/11/10
2/11/10 B.Puchaski
A
M.Audas
M.Audas
B.Puchaski
02/11/10
02/11/10
Initial Release
Fabrication: White CA-195RW Series
COAXIAL
(1X) CA-195RW/50Ω
COAXIAL CABLE-WHITE
CA-RSPNMBXXX
N STRAIGHT MALE
CABLE# & LENGTH
CA-RSPNMBNXX
CA-RSPNMBMXX
WHERE XXX = LENGTH IN FEET
WHERE NXX = LENGTH IN INCHES
WHERE MXX = LENGTH IN METERS
WHERE XMX = LENGTH IN DECIMEL METERS
CA-RSPNMBXMX
CA-RSPNMB010 (10 FEET)
CA-RSPNMBN16 (16 INCHES)
CA-RSPNMBM07 (7 METERS)
CA-RSPNMB3M5 (3.5 METERS)
EXAMPLES OF PART# USED
LENGTH CODE CHART
LENGTH SYMBOL
CRIMP CONNECTOR
L-COM SPECIFICATION PS-0031
6. CENTER PIN OF CONNECTORS TO BE SOLDERED OR CRIMPED ONTO CABLE INNER CONDUCTOR
NOTES:
1. CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY
2. CABLE ASSEMBLY SHALL RECIEVE INSERTION LOSS TEST#TP-00027
3. CABLE ASSEMBLY SHALL WITHSTAND PULL TEST OF 40lbs WITHOUT
ANY SEPERATION OR ELECTRICAL FAILURE
4. CABLE SHALL BE RoHS COMPLIANT
5. CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE WITH
RP-SMA STRAIGHT PLUG
CRIMP CONNECTOR
(REF LENGTH CODE CHART)
-LENGTH-
1"(±.04)[25.4mm(±1.0)]
(2X) WHITE HEATSHRINK


Similar Part No. - CA-RSPNMB010

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CA-RSPNMB001 L-COM-CA-RSPNMB001 Datasheet
50Kb / 1P
Fabrication: White CA-195RW Series RP-SMA Plug To N-Male Assembly w/Heatshrink
02/11/10
CA-RSPNMB002 L-COM-CA-RSPNMB002 Datasheet
50Kb / 1P
Fabrication: White CA-195RW Series RP-SMA Plug To N-Male Assembly w/Heatshrink
02/11/10
CA-RSPNMB004 L-COM-CA-RSPNMB004 Datasheet
50Kb / 1P
Fabrication: White CA-195RW Series RP-SMA Plug To N-Male Assembly w/Heatshrink
02/11/10
CA-RSPNMB020 L-COM-CA-RSPNMB020 Datasheet
50Kb / 1P
Fabrication: White CA-195RW Series RP-SMA Plug To N-Male Assembly w/Heatshrink
02/11/10
More results

Similar Description - CA-RSPNMB010

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9YA OMRON-G9YA Datasheet
708Kb / 10P
Coaxial Switch
logo
Japan Aviation Electron...
FI-X20C-NPB JAE-FI-X20C-NPB Datasheet
118Kb / 1P
COAXIAL TYPE
SMB JAE-SMB Datasheet
370Kb / 9P
COAXIAL CONNECTORS
logo
Tyco Electronics
024015-000 MACOM-024015-000 Datasheet
119Kb / 1P
COAXIAL PINPAK
logo
Feature Integration Tec...
PE34586LF FINTEK-PE34586LF Datasheet
299Kb / 1P
COAXIAL
logo
Mini-Circuits
ZHL-5W-2G MINI-ZHL-5W-2G Datasheet
175Kb / 2P
Coaxial Amplifier
ZHL-100W-52 MINI-ZHL-100W-52 Datasheet
292Kb / 2P
Coaxial Amplifier
047-12SMP MINI-047-12SMP Datasheet
287Kb / 2P
Coaxial Cable
047-12SMPR MINI-047-12SMPR Datasheet
291Kb / 2P
Coaxial Cable
047-6SMPRC MINI-047-6SMPRC Datasheet
291Kb / 2P
Coaxial Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com