Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSS160GG1L/3 Datasheet(PDF) 6 Page - ABB

Part # OSS160GG1L/3
Description  UL 98 rotary style disconnects, fusible 30 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OSS160GG1L/3 Datasheet(HTML) 6 Page - ABB

  OSS160GG1L/3 Datasheet HTML 1Page - ABB OSS160GG1L/3 Datasheet HTML 2Page - ABB OSS160GG1L/3 Datasheet HTML 3Page - ABB OSS160GG1L/3 Datasheet HTML 4Page - ABB OSS160GG1L/3 Datasheet HTML 5Page - ABB OSS160GG1L/3 Datasheet HTML 6Page - ABB OSS160GG1L/3 Datasheet HTML 7Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
UL 508 manual double-throw disconnects, 16…80 A
Please consult for any additional accessories
1 Shafts 
Shaft length
For selector 
handles 
OT16...80_C
OXS6X85
3.3''/85 mm
OXS6X105
4.1''/105 mm
OXS6X120
4.7''/120 mm
OXS6X130
5.1''/130 mm
OXS6X180
7.1''/180 mm
OXS6X250
9.8''/250 mm
For pistol 
handles 
OT16...80_C
OXP6X130
5.2''/130 mm
OXP6X150
5.9''/150 mm
OXP6X210
8.3''/210 mm
OXP6X290
11.4''/290 mm
5 Terminal shrouds8)
OT16...40_C
OTS40T3
1 pc for 3 terminals
OTS40T1
1 pc for 1 snap‐on pole
OT63...80_C
OTS63T3
1 pc for 3 terminals
OTS63T1
1 pc for 1 snap‐on pole
8) OT16...80 are IP20 touchsafe, shrouds provide extra protection
4Snap‐on poles
OT16...40_C
OTPS40FPN1
4th pole4)
OTPL40FP
Late‐break/Early‐make
OTPN40FP
Solid neutral 
OTPD40FP
Detachable  neutral
OTPE40FP
Ground terminal
OT63...80_C
OTPS80FP
4th pole
OTPL80FP
Late‐break/Early‐make
OTPN80FP
Solid neutral 
OTPD80FP
Detachable neutral
OTPE80FP
Ground terminal
4) Left‐side mounting only, OTPS40FPN2 for right‐side mounting
3 Auxiliaries
OT16…80_C
OA1G01
1 N.C.5)
OA1G10
1 N.O.6)
OA2G11
1 N.O. & 1 N.C.7)
5) Left‐side mounting only 
6) Right‐side mounting only 
7) Cannot be mounted on snap‐on poles
2 Handles1)
NEMA type; Length; Details
Selector type
OT16...80_C
OHBS2AJE011
3R,12; Padlockable; Defeatable
Pistol type2)
OT16...80_C
OHB65J6E011
3R,12; 65 mm
OHB65L6E011
4,4X; 65 mm
Direct3)
OT16...80_C
OHBS3
Black
OHBS2
Black, Padlockable
1) Red/yellow versions by substituting OHB with OHY 
2) All defeatable and padlockable with 3 locks 
3) No shaft needed; Red versions OHRS3 and OHRS2
03/10/2015



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com