Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSS403 Datasheet(PDF) 4 Page - ABB

Part # OSS403
Description  UL 98 rotary style disconnects, fusible 30 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OSS403 Datasheet(HTML) 4 Page - ABB

  OSS403 Datasheet HTML 1Page - ABB OSS403 Datasheet HTML 2Page - ABB OSS403 Datasheet HTML 3Page - ABB OSS403 Datasheet HTML 4Page - ABB OSS403 Datasheet HTML 5Page - ABB OSS403 Datasheet HTML 6Page - ABB OSS403 Datasheet HTML 7Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UL 98 rotary style disconnects, fusible 30 A
Please consult for 6/8-pole solutions and any additional accessories
1 Shafts 
Shaft length
OS30
OXP6X150
5.9''/150 mm
OXP6X210
8.3''/210 mm
OXP6X290
11.4''/290 mm
2 Direct mount handle1)
OS30
OHBS5
Padlockable door open
1) Mounts directly on disconnect, no shaft needed
4 Auxiliaries
OS30
OA3G014)
1 N.C.
OA1G104)
1 N.O.
OA4B1C5)
Form C, 1 N.O. & 1 N.C.
4) Maximum 6 pcs mount on left side of disconnect using OSZ4 
5) Maximum 2 pcs mount on disconnect mechanism 
5 Module for auxiliaries or fuse monitor mounting6)
OS30
OSZ4
Mounts on left side 
of disconnect
6) Takes max. 6 auxiliaries or a fuse monitor
6 Fuse monitor7)
OS30
OFM240
100 ‐ 240 VAC
OFM600
380 ‐ 600 VAC
7) Mounting on panel or left side of disconnect with OSZ4
7 Detachable neutral8)
OS30
OESA‐ZX171
600 VAC
8) Mounting on side of disconnect or on DIN rail
3 Pistol type handles2)
Length; NEMA type; Details
OS303) 
OHB65J6
65 mm; 3R,12
OHB65L6
65 mm; 4,4X
OHB65J6EH
65 mm; 3R,12; Stainless steel hasp
OHB65L6EH
65 mm; 4,4X; Stainless steel hasp
OHM65L6
65 mm; 4,4X; Stainless steel
2)
Red/yellow versions by substituting OHB with OHY 
3)
All defeatable and padlockable with 3 locks 
03/10/2015



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com