Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSPL15MF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CSPL15MF
Description  D-SUBMINIATURE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CSPL15MF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CSPL15MF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LENGTH
2X #4-40 UNC-2B
HEX STAND0FF
4X #4-40 UNC-2A
THUMBSCREW
2X PVC OVERMOLDED HOOD, BLACK
WITH INTERNAL METAL SHIELD
PLASTIC ARMOR
PVC, BLACK
2X L-COM LOGO, BOTH SIDES
PIN 1
PIN 1
NOTES:
1. CABLE: UL STYLE 2919, 15 CONDUCTOR (26AWG)
(DOUBLE SHIELDED, BRAID & FOIL)
JACKET: PVC, LIGHT GRAY (PANTONE 400C)
2. CABLE SHALL BE TESTED FOR CONTINUITY.
3. CABLE SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPECIFICATION PS-0031.
"P1"
MALE 15 PIN
D-SUB CONNECTOR
"J1"
FEMALE 15 PIN
D-SUB CONNECTOR
RoHS Compliant 
PART
NUMBER
LENGTH
FT
METERS
CSPL15MF-2.5
2.5
0.76
CSPL15MF-5
5.0
1.52
CSPL15MF-10
10.0
3.05
CSPL15MF-15
15.0
4.57
CSPL15MF-25
25.0
7.62
CSPL15MF-50
50.0
15.24
WIRE CHART
"P1"
COLOR
"J1"
1
BLACK
1
2
BROWN
2
3
RED
3
4
ORANGE
4
5
YELLOW
5
6
GREEN
6
7
BLUE
7
8
VIOLET
8
9
GRAY
9
10
WHITE
10
11
PINK
11
12
LIGHT GREEN
12
13
BLACK/WHITE
13
14
BROWN/WHITE
14
15
RED/WHITE
15
SHELL
DRAIN WIRE
SHELL
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
CSPL15MF
A
CSPL15MF.SLDDRW
1
1
D.DESJARDIN
01/04/2013
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
S.SMITH
01/04/2013
4/26/13
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
CA DB15M/F PLAS ARMR
D-SUBMINIATURE
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.PARHAM
COLOR VARIATIONS
MAY OCCUR
05/04/2011
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - CSPL15MF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CSPL15MM L-COM-CSPL15MM Datasheet
93Kb / 1P
DATA CABLING
CSPL15MM-10 L-COM-CSPL15MM-10 Datasheet
93Kb / 1P
DATA CABLING
CSPL15MM-15 L-COM-CSPL15MM-15 Datasheet
93Kb / 1P
DATA CABLING
CSPL15MM-2.5 L-COM-CSPL15MM-2.5 Datasheet
93Kb / 1P
DATA CABLING
CSPL15MM-25 L-COM-CSPL15MM-25 Datasheet
93Kb / 1P
DATA CABLING
More results

Similar Description - CSPL15MF

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ZDA ITT-ZDA Datasheet
59Kb / 1P
D Subminiature
022070-0000 ITT-022070-0000 Datasheet
9Mb / 301P
D Subminiature Connectors
051528-0011 ITT-051528-0011 Datasheet
9Mb / 301P
D Subminiature Connectors
051528-0012 ITT-051528-0012 Datasheet
9Mb / 301P
D Subminiature Connectors
051528-0016 ITT-051528-0016 Datasheet
9Mb / 301P
D Subminiature Connectors
053515-1322 ITT-053515-1322 Datasheet
9Mb / 301P
D Subminiature Connectors
logo
List of Unclassifed Man...
KF22X-E9P-N ETC2-KF22X-E9P-N Datasheet
1Mb / 1P
D-SUBMINIATURE CONNECTORS
logo
Kycon, Inc.
K22X KYCON-K22X Datasheet
667Kb / 1P
D-SUBMINIATURE CONNECTORS
K22XHT KYCON-K22XHT Datasheet
1Mb / 1P
D-SUBMINIATURE CONNECTORS
logo
ITT Industries
D110551 ITT-D110551 Datasheet
45Kb / 2P
D Subminiature Accessories
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com