Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS4008D Datasheet(PDF) 13 Page - Positronic.

Part # FS4008D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FS4008D Datasheet(HTML) 13 Page - Positronic.

Back Button FS4008D Datasheet HTML 9Page - Positronic. FS4008D Datasheet HTML 10Page - Positronic. FS4008D Datasheet HTML 11Page - Positronic. FS4008D Datasheet HTML 12Page - Positronic. FS4008D Datasheet HTML 13Page - Positronic. FS4008D Datasheet HTML 14Page - Positronic. FS4008D Datasheet HTML 15Page - Positronic. FS4008D Datasheet HTML 16Page - Positronic. FS4008D Datasheet HTML 17Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 86 page
background image
SOLDER CUP CONNECTOR
CODE 2
20 AWG max.
[0.5 mm2]
0.125
[3.18]
For solder cup contacts,
specify codae 2 in step 4
of ordering information.
Fixed male and female polarized jackscrews available.
Specify code T6 in step 7 of ordering information.
Typical part number: CBD7W2M200T60
Typical part number: CBD7W2M200T0
CBD17W2F200E0 with FS4008D contacts.
CBD17W2M55B30T20
Fixed female
jackscrews
Fixed female
jackscrew
Fixed male
jackscrew
0.345
[8.76]
CONTACT
CODE
D Ø
3
---------
35
0.078
[1.98]
36
0.094
[2.39]
37
0.125
[3.18]
0.170
[4.32]
0.250
[6.35]
0.010 [0.25]
Nominal
0.028 Ø
[0.71]
Typical part number: CBD17W2F35S60T2X
Fixed female jackscrews
Swaged spacer with
push-on fastener,
phosphor bronze.
For straight printed board
mount contacts, specify
code no. in step 4 of
ordering information.
STRAIGHT PRINTED BOARD MOUNT CONNECTOR
CODE 3, 35, 36 AND 37
For Code 93 Press-Fit Board Mount Connectors, see page 20.
PROFESSIONAL, INDUSTRIAL AND MILITARY QUALITY
THREE PERFORMANCE LEVELS FOR BEST COST/PERFORMANCE RATIO
STANDARD DENSITY PCB MOUNT
Combo-D
D-Sub
Positronic
connectpositronic.com
7
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com