Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSPL15MM Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CSPL15MM
Description  DATA CABLING
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CSPL15MM Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CSPL15MM Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LENGTH
4X #4-40 UNC-2A
THUMBSCREW
2X OVERMOLDED HOOD, BLACK
WITH INTERNAL METAL SHIELD
PLASTIC ARMOR
PVC, BLACK
2X L-COM LOGO BOTH SIDES
PIN 1
PIN 1
"P2"
NOTES:
1. CABLE: UL STYLE 2919, 15 CONDUCTOR (26AWG)
(DOUBLE SHIELDED, BRAID & FOIL)
JACKET: PVC, LIGHT GRAY (PANTONE 400C)
2. CABLE SHALL BE TESTED FOR CONTINUITY.
3. CABLE SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPECIFICATION PS-0031.
2X MALE 15 PIN
D-SUB CONNECTOR
"P1"
RoHS Compliant 
WIRE CHART
"P1"
COLOR
"P2"
1
BLACK
1
2
BROWN
2
3
RED
3
4
ORANGE
4
5
YELLOW
5
6
GREEN
6
7
BLUE
7
8
VIOLET
8
9
GRAY
9
10
WHITE
10
11
PINK
11
12
LIGHT GREEN
12
13
BLACK/WHITE
13
14
BROWN/WHITE
14
15
RED/WHITE
15
SHELL
DRAIN WIRE
SHELL
PART
NUMBER
LENGTH
FT
METERS
CSPL15MM-2.5
2.5
0.76
CSPL15MM-5
5.0
1.52
CSPL15MM-10
10.0
3.05
CSPL15MM-15
15.0
4.57
CSPL15MM-25
25.0
7.62
CSPL15MM-50
50.0
15.24
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
CSPL15MM
A
CSPL15MM.SLDDRW
1
1
D.DESJARDIN
01/04/2013
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
S.SMITH
01/04/2013
4/26/13
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
CA DB15M/M PLAS ARMR
DATA CABLING
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.PARHAM
COLOR VARIATIONS
MAY OCCUR
05/04/2011
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - CSPL15MM

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CSPL15MF L-COM-CSPL15MF Datasheet
93Kb / 1P
D-SUBMINIATURE
CSPL15MF-10 L-COM-CSPL15MF-10 Datasheet
93Kb / 1P
D-SUBMINIATURE
CSPL15MF-15 L-COM-CSPL15MF-15 Datasheet
93Kb / 1P
D-SUBMINIATURE
CSPL15MF-2.5 L-COM-CSPL15MF-2.5 Datasheet
93Kb / 1P
D-SUBMINIATURE
CSPL15MF-25 L-COM-CSPL15MF-25 Datasheet
93Kb / 1P
D-SUBMINIATURE
More results

Similar Description - CSPL15MM

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX20702 CONEXANT-CX20702 Datasheet
633Kb / 1P
Simplified cabling for ease of use
logo
Winchester Electronics ...
1203-4-9 WINCHESTER-1203-4-9 Datasheet
139Kb / 1P
FOR CABLING INSTRUCTIONS SEE CP-5402
KA-59-375M07 WINCHESTER-KA-59-375M07 Datasheet
57Kb / 1P
FOR CABLING INSTRUCTIONS SEE CP-465
logo
PHOENIX CONTACT
1403685 PHOENIX-1403685 Datasheet
61Kb / 5P
Multi-port data coupling: for passive PROFINET cabling to robots, including mounting foot
1424662 PHOENIX-1424662 Datasheet
90Kb / 4P
Flexible signal and data cabling
2941154 PHOENIX-2941154 Datasheet
114Kb / 3P
INTERFACE Relay -INTERFACE Cabling
2942153 PHOENIX-2942153 Datasheet
114Kb / 3P
INTERFACE Relay -INTERFACE Cabling
2964131 PHOENIX-2964131 Datasheet
114Kb / 3P
INTERFACE Relay - INTERFACE Cabling
5606332 PHOENIX-5606332 Datasheet
114Kb / 3P
INTERFACE Relay - INTERFACE Cabling
2521 PHOENIX-2521 Datasheet
210Kb / 3P
VARIOFACE Professional for system cabling applications
2014-08-08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com