Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS4016D Datasheet(PDF) 74 Page - Positronic.

Part # FS4016D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FS4016D Datasheet(HTML) 74 Page - Positronic.

Back Button FS4016D Datasheet HTML 70Page - Positronic. FS4016D Datasheet HTML 71Page - Positronic. FS4016D Datasheet HTML 72Page - Positronic. FS4016D Datasheet HTML 73Page - Positronic. FS4016D Datasheet HTML 74Page - Positronic. FS4016D Datasheet HTML 75Page - Positronic. FS4016D Datasheet HTML 76Page - Positronic. FS4016D Datasheet HTML 77Page - Positronic. FS4016D Datasheet HTML 78Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 86 page
background image
Ø0.142 [3.61]
0.734 [18.64]
Ref.
0.485
[12.32]
Ø0.040 [1.02]
0.734 [18.64]
Ref.
20
AWG
max.
20
AWG
max.
Ø0.142 [3.61]
0.697 [17.70]
Ref.
0.448
[11.38]
Ø0.040 [1.02]
0.697 [17.70]
Ref.
20
AWG
max.
20
AWG
max.
Ø0.142 [3.61]
0.734 [18.64]
Ref.
0.485
[12.32]
Ø0.040 [1.02]
0.734 [18.64]
Ref.
20
AWG
max.
20
AWG
max.
Ø0.142 [3.61]
0.697 [17.70]
Ref.
0.448
[11.38]
Ø0.040 [1.02]
0.697 [17.70]
Ref.
20
AWG
max.
20
AWG
max.
STRAIGHT SOLDER WIRE TERMINATION
RIGHT ANGLE (90°) SOLDER WIRE TERMINATION
FS4820D
FS4920D
MS4820D
MS4920D
FEMALE CONTACT
MALE CONTACT
FEMALE CONTACT
MALE CONTACT
REMOVABLE HIGH VOLTAGE POWER CONTACT
FOR USE WITH CBD, CBC, CBCD AND CBDD SERIES CONNECTORS
SIZE 8
0.634 [16.10]
ØA
Ø0.142 [3.61]
0.626 [15.90]
0.170
[4.32]
ØA
*1 FEMALE CONTACT
“CLOSED ENTRY” DESIGN, L.S.A.
MALE CONTACT
FEMALE
PART NUMBER
Ø A
CONTACT
CODE
FDS4314D
0.078
[1.98]
35
FDS4312D
0.094
[2.39]
36
FDS4310D
0.125
[3.18]
37
MALE
PART NUMBER
Ø A
CONTACT
CODE
MDS4314D
0.078
[1.98]
35
MDS4312D
0.094
[2.39]
36
MDS4310D
0.125
[3.18]
37
*1 NOTE: Female contacts feature Large Surface Area (L.S.A.) closed entry contact design which provides maximum mating surfaces between
male and female contact and reduced contact resistance during operation.
STRAIGHT PRINTED BOARD MOUNT POWER CONTACT
FOR USE WITH CBD AND CBDD SERIES CONNECTORS
SIZE 8
Positronic recommends printed circuit board termination contacts be supplied installed in the connector. Contact technical sales for part number information.
For contact current rating, see page 4.
Note: Connectors can be kitted with
all applicable removable contacts,
contact Technical Sales for
connector part number.
76
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
REMOVABLE CONTACTS
Combo-D
D-Sub
Positronic
connectpositronic.com
For information regarding crimp tool and crimping tool techniques, see Application Tools section, page 82.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com