Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSUSB-100 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CSUSB-100
Description  USB BULK CABLE SPECIFICATION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CSUSB-100 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CSUSB-100 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
JACKET
BRAID
DRAIN WIRE
FOIL SHIELD
1
2
3
4
USB BULK CABLE SPECIFICATION
L-com Specification/Procudure
CSUSB-CS1
Revision:C
Revision Date: 12/9/10
Revised By: DLF
ECN: 5201
CSUSB-CS1.SLDDRW
Page 1 of 1
Initial Release: 06/01/03
By: CMC
CROSS-SECTIONAL VIEW
COLOR CODE
UNIT B
3. RED
4. BLACK
UNIT A
1. WHITE
2. GREEN
C
DESCRIPTION: USB CABLE REV 2.0
ITEM
UNIT A
UNIT B
CONSTRUCTION AWG
28 AWG - TWISTED PAIR
20 AWG
CONDUCTORS
CONDUCTOR SIZE, IN [MM]
7/.005 .0003 [.127 .008]
7/.013 .0003 [.324 .008]
MATERIAL
STRANDED TINNED COPPER
STRANDED TINNED COPPER
INSULATION
MATERIAL
POLYOLEFIN
SR-PVC
DIAMETER, IN [MM]
.031 .003 [.78 .08]
.060 .003 [1.52 .08]
TAPE
MATERIAL
ALUMINUM MYLAR
COVERAGE
125%
DRAIN WIRE
CONDUCTOR SIZE, IN [MM]
7/.005 .0003 [.127 .008] (28 AWG)
MATERIAL
TINNED COPPER
BRAID SHIELD
MATERIAL
TINNED COPPER
COVERAGE
65%
JACKET
MATERIAL
PVC
DIAMETER, IN [MM]
.201 .006 [5.1 .15]
COLOR
LIGHT GRAY (PANTONE 400)
MARKING
USB Revision 2.0 SHIELDED 28 AWG/2C+20 AWG/2C (UL) AWM2725 80 C 30V VW-1
[MANUFACTURER U.L. FILE ##]
WWW.L-COM.COM
ELECTRICAL PROPERTIES
ITEM
COMPONENT A
COMPONENT B
CONDUCTOR RESISTANCE
237 Ω/KM @ 68 F [20 C] MAX
34 Ω/KM @ 68 F [20 C] MAX
INSULATION RESISTANCE
300 MΩ-KM @ 68 F [20 C] MIN
100 MΩ-KM @ 68 F [20 C] MIN
DIELECTRIC STRENGTH
500 VAC/1 MIN
500 VAC/1 MIN
VOLTAGE RATING
30V
TEMPERATURE RATING
176 F [80 ]
MODEL NO.
LENGTH
CSUSB-100
100 FEET
CSUSB-500
500 FEET
CSUSB-1000
1,000 FEET


Similar Part No. - CSUSB-100

ManufacturerPart #DatasheetDescription
logo
VITROHM
CSU-SERIES VITROHM-CSU-SERIES Datasheet
539Kb / 3P
Through hole shunt resistor
Revision: 202205
logo
Bothhand USA, LP.
CSU0509-LF BOTHHAND-CSU0509-LF Datasheet
141Kb / 2P
1.8 Watt Isolated DC-DC Converter
CSU0509LF BOTHHAND-CSU0509LF Datasheet
141Kb / 2P
Isolated DC-DC Converters
logo
Core Technology (Shenzh...
CSU1181 CHIPSEA-CSU1181 Datasheet
914Kb / 97P
OTP ROM 8 RISC MCU
CSU1182 CHIPSEA-CSU1182 Datasheet
1Mb / 94P
OTP ROM 8 RISC MCU
More results

Similar Description - CSUSB-100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD-200 ETC2-ISD-200 Datasheet
370Kb / 64P
USB Mass Storage Class Bulk-Only Specification Compliant
logo
Glenair, Inc.
ABC3569 GLENAIR-ABC3569 Datasheet
214Kb / 1P
Bulk Simplex Fiber Optic Cable
ABC3571 GLENAIR-ABC3571 Datasheet
214Kb / 1P
Bulk Simplex Fiber Optic Cable
ABC3580 GLENAIR-ABC3580 Datasheet
214Kb / 1P
Bulk Simplex Fiber Optic Cable
ABC3586 GLENAIR-ABC3586 Datasheet
214Kb / 1P
Bulk Simplex Fiber Optic Cable
ABC3821 GLENAIR-ABC3821 Datasheet
214Kb / 1P
Bulk Simplex Fiber Optic Cable
ABC-3569 GLENAIR-ABC-3569 Datasheet
359Kb / 1P
Bulk Simplex Fiber Optic Cable
ABC-3586 GLENAIR-ABC-3586 Datasheet
358Kb / 1P
Bulk Simplex Fiber Optic Cable
ABC-3821 GLENAIR-ABC-3821 Datasheet
359Kb / 1P
Bulk Simplex Fiber Optic Cable
logo
IO AUDIO TECHNOLOGIES.
IO-E4231S-6LZH-1000B IOAUDIO-IO-E4231S-6LZH-1000B Datasheet
385Kb / 3P
BULK SOLID CATEGORY CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com