Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS4102D Datasheet(PDF) 9 Page - Positronic.

Part # FS4102D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FS4102D Datasheet(HTML) 9 Page - Positronic.

Back Button FS4102D Datasheet HTML 5Page - Positronic. FS4102D Datasheet HTML 6Page - Positronic. FS4102D Datasheet HTML 7Page - Positronic. FS4102D Datasheet HTML 8Page - Positronic. FS4102D Datasheet HTML 9Page - Positronic. FS4102D Datasheet HTML 10Page - Positronic. FS4102D Datasheet HTML 11Page - Positronic. FS4102D Datasheet HTML 12Page - Positronic. FS4102D Datasheet HTML 13Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 86 page
background image
Combo-D series connectors permit mixed contact com-
binations of power, shielded, air, high voltage and signal
contacts within the same connector body. Twenty-two
connector variants are offered in six standard shell sizes.
Three performance levels of Combo-D series connectors
are offered: professional, industrial and military. CBD series
connectors are quality connectors recommended for use in
sheltered, non-corrosive indoor and outdoor environments
having normal ventilation, but without temperature or
humidity controls. Signal contacts are offered with open
entry professional level or PosiBand closed entry industrial
level signal contacts. CBD series connectors meet perfor-
mance requirements of IEC 60807-2, Performance Level
One or Two. CBM series connectors are military quality
connectors recommended for use in sheltered, mildly cor-
rosive environments having a wide range of temperature,
pressure and humidity changes. CBM series connectors
will meet the applicable performance requirements of
DSCC 85039.
Combo-D series connectors utilize precision machined
signal contacts. Connector variants are available with
contact terminations for solder and straight and right angle
(90°) printed board mount terminations featuring a choice
of inch or metric printed board footprints.
Power, shielded and high voltage contacts are remov-
able, having solder and straight and right angle (90°)
printed board mount terminations. Power and shielded
contacts are available with crimp terminations. Air contact
options are also available, see page 80 for details.
For low level shielding requirements, ferrite inductors
may be attached to both signal and power contacts of
connectors having contact terminations which are straight
or right angle (90°) for printed board mounting applications.
For additional information contact Technical Sales.
The female power contacts feature the Large Surface
Area (L.S.A.) closed entry contact design which provides
maximum mating surfaces between male and female con-
tacts and reduced contact resistance during operation.
A wide assortment of printed board mounting hardware,
cable support hoods, and locking systems is available from
stock.
A blind mating system is available for applications requir-
ing connector coupling in recessed areas or mobile power
coupling systems.
Straight and right angle (90°) PCB mount thermocouple
contacts are available, please contact Technical Sales for
details.
Size 20 Fixed Signal and
Thermocouple Contacts
Size 8 Removable Power, Shielded,
Air and High Voltage Contacts
UL Recognized
CSA Recognized
File #E49351
File #LR54219
DSCC 85039
Telecommunication UL File #E140980
PROFESSIONAL, INDUSTRIAL AND MILITARY QUALITY
THREE PERFORMANCE LEVELS FOR BEST COST/PERFORMANCE RATIO
STANDARD DENSITY PCB MOUNT
Combo-D
D-Sub
Positronic
connectpositronic.com
3
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com