Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-0402 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AISC-0402
Description  Ceramic Wire Wound Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-0402 Datasheet(HTML) 2 Page - Abracon Corporation

  AISC-0402 Datasheet HTML 1Page - Abracon Corporation AISC-0402 Datasheet HTML 2Page - Abracon Corporation AISC-0402 Datasheet HTML 3Page - Abracon Corporation AISC-0402 Datasheet HTML 4Page - Abracon Corporation AISC-0402 Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
OPTIONS & PART IDENTIFICATION:
AISC-0402
Ceramic Wire Wound Inductors
1.19 x 0.64 x 0.66mm
Pb RoHS / RoHS II Compliant
Key Electrical Specifications (Cont.)
Test Conditions:
Inductance (L): Agilent4287A+Agilent16197A or equivalent, 50mV
Direct Current Resistance (DCR): HIOKI 3540 or equivalent
Temperature rise current (Ir): Electric Power, Electric current meter, Thermometer
IDC: Based on temperature rise (
△ T : 20ºC TYP. )
AISC-0402 -
-
Inductance Code
Tolerance Code
Packaging
Please refer to the electrical
specification table
S: ±0.3nH
T: Tape and Reel
(10kpcs/reel)
G: ±2%
J: ±5%
K: ±10%
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 1-21-21
Part
Q
L/Q Test
SRF
RDC
IDC
Number
L (nH)
Tolerance
Min
Freq
Min
Max
Max
Inductance
Code
(MHz)
(MHz)
(Ω)
(mA)
23N
23
G, J, K
26
250
2720
0.250
400
24N
24
G, J, K
26
250
2700
0.300
400
27N
27
G, J, K
26
250
2480
0.300
400
30N
30
G, J, K
25
250
2350
0.300
400
33N
33
G, J, K
25
250
2350
0.350
400
36N
36
G, J, K
26
250
2320
0.400
320
39N
39
G, J, K
25
250
2100
0.500
200
40N
40
G, J, K
26
250
2240
0.550
200
43N
43
G, J, K
25
250
2030
0.700
150
47N
47
G, J, K
20
250
2100
0.750
150
51N
51
G, J, K
25
250
1750
0.820
100
56N
56
G, J, K
25
250
1760
0.970
100
62N
62
G, J, K
25
250
1620
0.970
100
68N
68
G, J, K
25
250
1620
1.120
100
72N
72
G, J, K
25
250
1620
1.550
100
82N
82
J, K
25
250
1620
1.550
100
R10
100
J, K
25
250
1620
2.600
100
R12
120
J, K
25
250
1520
2.700
90
R15
150
J, K
25
250
1200
2.900
80



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com