Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASE Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASE
Description  3.3V CMOS Compatible 3.2 x 2.5mm SMD Crystal Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASE Datasheet(HTML) 2 Page - Abracon Corporation

  ASE Datasheet HTML 1Page - Abracon Corporation ASE Datasheet HTML 2Page - Abracon Corporation ASE Datasheet HTML 3Page - Abracon Corporation ASE Datasheet HTML 4Page - Abracon Corporation ASE Datasheet HTML 5Page - Abracon Corporation ASE Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 02-18-22
For terms and conditions of sales, please visit:
www.abracon.com
3.3V CMOS Compatible 3.2 x 2.5mm SMD Crystal Oscillator
ASE Series
3.2 x 2.5 x 1.2 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
Parameters
Minimum
Typical
Maximum
Unite
Notes
Tri-state function (Stand-by)
"1"(VIH≥0.7*Vdd) or Open: Oscillation;
"0" (VIL<0.3*Vdd) : No oscillation/Hi Z
Peak to Peak Jitter
28
ps
Reference only.
Contact ABRACON
for the Jitter
RMS Jitter:
3.2
5
ps
0.5 ~ 20 MHz
3.2
5
20.1 ~ 40.0 MHz
3.2
5
40.01 ~ 60.0 MHz
3.2
5
60.01 ~ 75.0 MHz
2.2
5
75.01 ~ 133.0 MHz
2.2
5
133.01 ~ 200.0 MHz
Aging at 25°C (first year)
-3
+3
ppm
Stand-by Current:
10
µA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com