Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E511 Datasheet(PDF) 5 Page - Eaton All Rights Reserved.

Part # E511
Description  Eaton’s Moulded Accessory Range (EMA)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

E511 Datasheet(HTML) 5 Page - Eaton All Rights Reserved.

  E511 Datasheet HTML 1Page - Eaton All Rights Reserved. E511 Datasheet HTML 2Page - Eaton All Rights Reserved. E511 Datasheet HTML 3Page - Eaton All Rights Reserved. E511 Datasheet HTML 4Page - Eaton All Rights Reserved. E511 Datasheet HTML 5Page - Eaton All Rights Reserved. E511 Datasheet HTML 6Page - Eaton All Rights Reserved. E511 Datasheet HTML 7Page - Eaton All Rights Reserved. E511 Datasheet HTML 8Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
E322
45A DP switch
E322N 45A DP switch
with neon
E325
45A DP cooker
control unit
E325N 45A DP cooker
control unit with
neon
E326N 45A DP switch
with neon
marked ‘cooker’
E345
45A cable
outlet with
terminals
E351
1G TV
co-axial outlet
E351D 1G TV co-axial
outlet dual clamp
E355
1G SAT outlet
E356
2G TV SAT outlet
E360
1G telephone
outlet master
E361
1G telephone
outlet secondary
E362
1G telephone
outlet RJ11
E363
1G RJ45 outlet
CAT 6
Standards
45A switch: To BSEN 60669-1
45A cooker control:To BS4177
Dimensions
1G – 86mm x 86mm
2G – 86mm x 146mm
Standards
TV Outlets: To BS6312: 2.2
TV Co-axial:To BS3041-2
Dimensions
1G – 86mm x 86mm
45A Switches
Communication Outlets
E322
E325
E326N
E345
E351
E355
E356
E360
E361
E362
E363
E9511
1000W 1G 1W
rotary tungsten
NON EUROPEAN
E9551
500W 1G 1W
rotary tungsten
NON EUROPEAN
E9552
500W 2G 1W
rotary tungsten
NON EUROPEAN
E9751
500W 1G 1W
fan controller
NON EUROPEAN
E9131
250W 1G 2W
dimmer push
E9132
250W 2G 2W
dimmer push
E9141
400W 1G 2W
dimmer push
These Dimmers are
produced for non -
European countries.
Dimensions
1G – 86mm x 86mm
Standards
To BS5518: 1977 and
BSEN 55014-1:1977
Dimensions
1G – 86mm x 86mm
Rotary Dimmers
Push on / Push off
Action Dimmers
E9551
E9552
E9751
E9131
E9132



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com