Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDI18-250 Datasheet(PDF) 1 Page - 3M Electronics

Part # FDI18-250
Description  Highland Terminals
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

FDI18-250 Datasheet(HTML) 1 Page - 3M Electronics

  FDI18-250 Datasheet HTML 1Page - 3M Electronics FDI18-250 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Wire Size:
See Table Above
Barrel Seam:
Butted
Maximum Voltage Rating:
600 V Building Wire
1000 V signs or
fixtures (Luminaires)
Maximum Operating Temp:
221˚F (105˚C)
Maximum Current:
Same as Wire
Insulator Material:
Nylon
Terminal Material:
Brass
Plating:
Tin
Installation Information
UL Listed and CSA Certified for use on stranded copper
(AWG) wire only.
Strip away the end 3/8 inch of wire insulation.
Make the crimp in the proper station of a recommended
3M crimp tool: TH-440, TH-450 (scissor style), or
TR-490 (ratchet style) hand tools.
Suitable for factory installation on steel or brass tabs,
UL and CSA.
Suitable for field application on brass tabs, strain relief
is required, UL only.
WARNING
Turn power off before installing or removing terminal. All electrical
work should be done according to appropriate electrical codes.
3
Highland™ Terminals
FDI14-250, FDI18-250
Female Disconnect, Nylon Fully Insulated,
Butted Seam
Data Sheet
W´
L
D
W
UNDERWRITERS
LABORATORIES
STANDARD NO. UL 310
3M FILE NO. E70512
CANADIAN STANDARDS
ASSOCIATION
STANDARD NO. 22.2
NO. 153
3M FILE NO. LR22190
Barrel Crimp (Electrical)
t
c
u
d
o
r
P
r
e
b
m
u
N
e
r
i
W
e
g
n
a
R
)
G
W
A
(
b
a
T
e
l
a
M
h
t
i
w
s
e
t
a
M
W
(
h
t
d
i
W'
s
s
e
n
k
c
i
h
T
x
)L
W
D
l
e
r
r
a
B
h
t
g
n
e
L
l
e
r
r
a
B
.
D
.
I
m
u
m
i
x
a
M
n
o
i
t
a
l
u
s
n
I
r
e
t
e
m
a
i
D
0
5
2
-
4
1
I
D
F4
1
-
6
12
3
0
.
0
x
0
5
2
.
07
8
.
07
3
.
03
2
.
05
2
.
00
8
0
.
05
4
1
.
0
0
5
2
-
8
1
I
D
F8
1
-
2
22
3
0
.
0
x
0
5
2
.
07
8
.
07
3
.
03
2
.
05
2
.
00
8
0
.
05
4
1
.
0


Similar Part No. - FDI18-250

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
FDI100 DEC-FDI100 Datasheet
259Kb / 1P
1 AMP FAST RECOVERY BRIDGE RECTIFIERS
FDI101 DEC-FDI101 Datasheet
259Kb / 1P
1 AMP FAST RECOVERY BRIDGE RECTIFIERS
FDI102 DEC-FDI102 Datasheet
259Kb / 1P
1 AMP FAST RECOVERY BRIDGE RECTIFIERS
FDI104 DEC-FDI104 Datasheet
259Kb / 1P
1 AMP FAST RECOVERY BRIDGE RECTIFIERS
FDI106 DEC-FDI106 Datasheet
259Kb / 1P
1 AMP FAST RECOVERY BRIDGE RECTIFIERS
More results

Similar Description - FDI18-250

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32D6R3HPN393MA41M CHEMI-CON-E32D6R3HPN393MA41M Datasheet
145Kb / 12P
Screw Terminals
E36L351HPN222MCA5M CHEMI-CON-E36L351HPN222MCA5M Datasheet
126Kb / 9P
Screw Terminals
logo
Weidmuller
0207900000 WEIDMULLER-0207900000 Datasheet
102Kb / 1P
Fuse terminals
logo
3M Electronics
13-14 3M-13-14 Datasheet
38Kb / 5P
Specialty Terminals
logo
List of Unclassifed Man...
1259 ETC2-1259 Datasheet
584Kb / 2P
SCREW TERMINALS
logo
3M Electronics
M18BCK 3M-M18BCK Datasheet
27Kb / 2P
Scotchlok™ Terminals
logo
Meder Electronic
MK0241A66B1000W MEDER-MK0241A66B1000W Datasheet
170Kb / 2P
terminals
logo
Mill-Max Mfg. Corp.
1096-2-05-01-00-00-01-0 MILL-MAX-1096-2-05-01-00-00-01-0 Datasheet
534Kb / 1P
WRAPOST TERMINALS
logo
ISOCOM COMPONENTS
IS355 ISOCOM-IS355 Datasheet
625Kb / 2P
Computer terminals
logo
3M Electronics
06541 3M-06541 Datasheet
45Kb / 2P
Highland™ Masking Tape 2727
04-Oct-2007
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com