Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E461 Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # E461
Description  Eaton’s Moulded Accessory Range (EMA)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

E461 Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  E461 Datasheet HTML 1Page - Eaton All Rights Reserved. E461 Datasheet HTML 2Page - Eaton All Rights Reserved. E461 Datasheet HTML 3Page - Eaton All Rights Reserved. E461 Datasheet HTML 4Page - Eaton All Rights Reserved. E461 Datasheet HTML 5Page - Eaton All Rights Reserved. E461 Datasheet HTML 6Page - Eaton All Rights Reserved. E461 Datasheet HTML 7Page - Eaton All Rights Reserved. E461 Datasheet HTML 8Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Eaton’s Moulded Accessory Range (EMA) of white
moulded wiring accessories has been independently
approved to the latest British Standards and IEC
Standards.
Designed with colour matching and aesthetics in
mind, the range boasts an appealing front plate
design. This enables easy side by side mounting of
switches and sockets.
Manufactured in a robust high quality thermoplastic,
the range offers a comprehensive selection of
solutions that combine reliability and durability with
quick and simple installation.
Eaton’s EMA products take the lead in providing
easy installation features which include:
• Screw caps to conceal fixing screws to give a
clean finish
• Clear terminal markings
• Printed legends available on request
Eaton’s MEM white moulded wiring accessories are
the perfect choice for a wide range of residential
and commercial projects where quality is essential.
E011
10A 1G 1W
E012
10A 2G 1W
E013
10A 3G 1W
E021
10A 1G 2W
E022
10A 2G 2W
E023
10A 3G 2W
E024
10A 4G 2W
E015
10A 1G bellpush
E015PR
10A 1G
switch push
marked ‘PRESS’
E017
10A intermediate
E048
10A 3 pole fan
isolator
E401
16A hotel card
switch
Switches
Eaton’s Moulded Accessory
Range (EMA)
Quality and value from Eaton -
the global solutions selling
provider
Standards
To BSEN 60669-1
Dimensions
1G – 86mm x 86mm
2G – 86mm x 146mm
Standards
To BSEN 60669-1
Dimensions
1G – 86mm x 86mm
2G – 86mm x 146mm
E011
E012
E013
E021
E022
E023
E048
E401
E015
E017
E024



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com