Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPCC Datasheet(PDF) 1 Page - Samtec, Inc

Part # MPCC
Description  30 SIGNAL/POWER COMBO CABLE ASSEMBLY/COMPONENTS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

MPCC Datasheet(HTML) 1 Page - Samtec, Inc

  MPCC Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MPCC
-2- SIGNALPINS -2- PLATINGOPTION - LEAD
STYLE
- LENGTH - END1
OPTION
- END2OPTION
–16
= Total Signal Pins
–24
= Total Signal Pins
–L
= 10 µ" (0.25 µm)
Gold on contact, Tin on tail
(Power & Signal)
–T
= Tin on contact and tail
(Power), Gold on contact,
Tin on tail (Signal)
Specify
LEAD
STYLE
from
chart
–“XX.XX”
= Assembled
Length in Inches
(101.60 mm)
04.00" min.
–S
= Single
End
–D
= Double
End
(Available with
–D only)
–NUS
= Notch up, straight
(Pin A1 to Pin AX)
30 SIGNAL/POWER COMBO CABLE ASSEMBLY/COMPONENTS
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
View complete specifications at:
samtec.com?MPCC
View complete specifications at:
samtec.com?IMSC5, samtec.com?CC81R & samtec.com?CC81L
Note: Some lengths, styles and
options are non-standard,
non-returnable
SPECIFICATIONS
Insulator Material:
Black LCP
Contact Material:
Signal: BeCu
Power: Copper Alloy
Plating:
Sn or Au over 50 µ" (1.27 µm) Ni
Current Rating:
Signal Pin (24 AWG):
3.4 A per pin
(4 adjacent pins powered)
Power Pin (14 AWG):
23.2 A per pin
(1 pin powered)
Operating Temp Range:
-10 °C to +105 °C
Voltage Rating:
250 VAC
SIGNAL
PINS
A
16
(44.55) 1.754
24
(48.55) 1.911
LEAD
STYLE PWR/SIG AWG
–44
PWR
14
SIG
24
–46
PWR
14
SIG
26
–48
PWR
14
SIG
28
–40
PWR
14
SIG
30
–64
PWR
16
SIG
24
–66
PWR
16
SIG
26
–68
PWR
16
SIG
28
–60
PWR
16
SIG
30
A
Assembled Length
(10.16)
.400
A
(21.07)
.830
(18.60)
.732
TOOLING
Hand Tool: CAT-HT-281-2430-13 (Signal: 24-30 AWG)
CAT-HT-246-1416-13 (Power: 14-16 AWG)
Extraction Tool: CAT-EX-169-01 (Signal)
CAT-EX-MPSS-01 (Power)
Mini Applicator: CAT-MC-246-1416-XX-01 (Power 14-16 AWG)
CAT-MC-281-2426-XX-01 (Signal: 24-26 AWG)
CAT-MC-281-2830-XX-01 (Signal: 28-30 AWG)
SIGNAL PINS
A
–16
(44.55) 1.754
–24
(48.55) 1.911
(12.35)
.486
Note: Power contact (CC46 Series)
information on page 246.
IMSC5
- POWER
PINS
- SIGNAL
PINS
- POWER
PINS
- L
–02
= Power Pins
Per End
–16
= Total Signal
Pins
–24
= Total Signal
Pins
–02
= Power Pins
Per End
–L
= Latch
SERIES
- WIRE
GAUGE
-01 - PLATING
OPTION
CC81L
= Contact, Loose
CC81R
= Contact,
Full Reel
(17,000 Parts
per Reel)
–2426
= 24 to 26 AWG
–2830
= 28 to 30 AWG
–L
= 10 µ" (0.25 µm)
Gold on contact
MPCC
Board Mates:
MPTC
F-224
samtec.com/PowerStrip


Similar Part No. - MPCC

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
MPCC15N120A FS-MPCC15N120A Datasheet
419Kb / 6P
Zero Reverse RecoveryCurrent
2021. 05. 20 Revision No : 0
MPCC8N65A FS-MPCC8N65A Datasheet
3Mb / 7P
Zero Reverse Recovery Current
2021. 11. 30 Revision No : 0
More results

Similar Description - MPCC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPM-6-250H ETC1-SPM-6-250H Datasheet
77Kb / 1P
COMMERCIAL SIGNAL PROCESSING RF COMPONENTS
logo
Molex Electronics Ltd.
0747571031 MOLEX11-0747571031 Datasheet
52Kb / 1P
QSFP-to-QSFP Cable Assembly, 30 AWG, 0.50m Length
0747571501 MOLEX11-0747571501 Datasheet
53Kb / 1P
QSFP-to-QSFP Cable Assembly, 30 AWG, 5.0m Length
logo
Samtec, Inc
MPSS-04-16-L-12.00-SR SAMTEC-MPSS-04-16-L-12.00-SR Datasheet
260Kb / 1P
POWERSTRIP??30 CABLE ASSEMBLY
logo
Molex Electronics Ltd.
2141140001 MOLEX-2141140001 Datasheet
42Kb / 2P
EXTreme Guardian Vertical Receptacle Assembly with Guide Receivers, 30 Signal Circuits, 8 Power Circuits
logo
TE Connectivity Ltd
C-2821222 TEC-C-2821222 Datasheet
467Kb / 2P
CABLE ASSEMBLY,30 AWG,SFP TO SFP 28G
logo
Samtec, Inc
S2SD SAMTEC-S2SD Datasheet
308Kb / 1P
(2.00 mm) .0787" PITCH • CABLE ASSEMBLY/COMPONENTS
SESDT SAMTEC-SESDT Datasheet
333Kb / 1P
(0.80 mm) .0315" PITCH • DISCRETE WIRE CABLE ASSEMBLY/COMPONENTS
logo
Molex Electronics Ltd.
1201550015 MOLEX-1201550015 Datasheet
20Kb / 1P
Signal Assembly Tool
08/25/2022
logo
Protek Devices
SM30KWEXXA PROTEC-SM30KWEXXA Datasheet
526Kb / 7P
30 kilowa tt TVS ComponentS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com