Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT5F9AS Datasheet(PDF) 4 Page - Emerson Electric Co. All rights reserved.

Part # HT5F9AS
Description  Non-Ventilated Automation Transformers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLAHD [Emerson Electric Co. All rights reserved.]
Direct Link  https://www.appleton.emerson.com/
Logo SOLAHD - Emerson Electric Co. All rights reserved.

HT5F9AS Datasheet(HTML) 4 Page - Emerson Electric Co. All rights reserved.

  HT5F9AS Datasheet HTML 1Page - Emerson Electric Co. All rights reserved. HT5F9AS Datasheet HTML 2Page - Emerson Electric Co. All rights reserved. HT5F9AS Datasheet HTML 3Page - Emerson Electric Co. All rights reserved. HT5F9AS Datasheet HTML 4Page - Emerson Electric Co. All rights reserved. HT5F9AS Datasheet HTML 5Page - Emerson Electric Co. All rights reserved. HT5F9AS Datasheet HTML 6Page - Emerson Electric Co. All rights reserved. HT5F9AS Datasheet HTML 7Page - Emerson Electric Co. All rights reserved. HT5F9AS Datasheet HTML 8Page - Emerson Electric Co. All rights reserved. HT5F9AS Datasheet HTML 9Page - Emerson Electric Co. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Group A: 480 Volt Δ Primary, 208Y/120 Secondary, 60 Hz
kVA
Catalog Number
Group I
Rolled Steel
Catalog Number
Group II
Stainless Steel
Height
in (mm)
Width
in (mm)
Depth
in (mm)
Approx. Ship
Weight lbs (kg)
Design
Style 1
Elec
Conn 1
Primary
Amps
Secondary
Amps
3
HT1F3AS
HTS1F3AS
13.00 (330.2)
16.00 (406.4) 9.00 (228.6)
105.0 (47.63)
4
27
3.6
8.3
6
HT1F6AS
HTS1F6AS
13.00 (330.2)
16.00 (406.4) 9.00 (228.6)
110.0 (49.90)
4
27
7.2
16.6
9
HT1F9AS
HTS1F9AS
17.00 (431.8)
20.00 (508.0) 11.00 (279.4) 250.0 (113.40)
4
27
10.8
25.0
15
HT1F15AS
HTS1F15AS
17.00 (431.8)
20.00 (508.0) 11.00 (279.4) 261.0 (118.39)
4
27
18.1
41.7
30
HT1F30AS
HTS1F30AS
30.00 (762.0)
29.00 (736.6) 12.00 (304.8) 696.0 (315.70)
4
27
36.1
83.4
45
HT1F45AS
HTS1F45AS
30.00 (762.0)
29.00 (736.6) 12.00 (304.8) 844.0 (382.83)
4
27
54.2
125.0
5
Non-Ventilated Automation Transformers
Contact
Technical Services at (800) 377-4384 with any questions.
Visit our website at www.solahd.com.
227
Group C: 480 Volt Δ Primary, 240 Volt Δ 120 Secondary with reduced capacity center tap, 60 Hz 2
kVA
Catalog Number
Group I
Rolled Steel
Catalog Number
Group II
Stainless Steel
Height
in (mm)
Width
in (mm)
Depth
in (mm)
Approx. Ship
Weight lbs (kg)
Design
Style 1
Elec
Conn 1
Primary
Amps
Secondary
Amps
3
HT5F3AS
HTS5F3AS
13.00 (330.2) 16.00 (406.4)
9.00 (228.6)
105.0 (47.63)
4
28
3.6
7.2
6
HT5F6AS
HTS5F6AS
13.00 (330.2) 16.00 (406.4)
9.00 (228.6)
110.0 (49.90)
4
28
7.2
14.4
9
HT5F9AS
HTS5F9AS
17.00 (431.8) 20.00 (508.0) 11.00 (279.4) 250.0 (113.40)
4
28
10.8
21.7
15
HT5F15AS
HTS5F15AS
17.00 (431.8) 20.00 (508.0) 11.00 (279.4) 305.0 (138.35)
4
28
18.1
36.1
30
HT5F30AS
HTS5F30AS
29.00 (736.6) 25.00 (635.0) 12.00 (304.8) 698.0 (316.61)
4
28
36.1
72.2
45
HT5F45AS
HTS5F45AS
29.00 (736.6) 25.00 (635.0) 12.00 (304.8) 876.0 (397.35)
4
28
54.2
108.3
Notes:
1. Design Styles and Electrical Connections can be found at the end of the Non-Ventilated Distribution Transformers section.
2. Refer to Capacity of Center Tap in Center Tap Delta Transformers at the beginning of this section.
Group D: 240 Volt Δ Primary, 208Y/120 Secondary, 60 Hz
kVA
Catalog Number
Group I
Rolled Steel
Catalog Number
Group II
Stainless Steel
Height
in (mm)
Width
in (mm)
Depth
in (mm)
Approx. Ship
Weight lbs (kg)
Design
Style 1
Elec
Conn 1
Primary
Amps
Secondary
Amps
3
HT6F3AS
HTS6F3AS
13.00 (330.2) 16.00 (406.4) 9.00 (228.6)
97.0 (44.00)
4
25
7.2
8.3
6
HT6F6AS
HTS6F6AS
13.00 (330.2) 16.00 (406.4) 9.00 (228.6) 141.0 (63.96)
4
25
14.4
16.6
9
HT6F9AS
HTS6F9AS
17.00 (431.8) 20.00 (508.0) 11.00 (279.4) 256.0 (116.12)
4
25
21.7
25.0
Selection Tables: Three Phase
Group B: 208 Volt Δ Primary, 208Y/120 Secondary, 60 Hz
kVA
Catalog Number
Group I
Rolled Steel
Catalog Number
Group II
Stainless Steel
Height
in (mm)
Width
in (mm)
Depth
in (mm)
Approx. Ship
Weight lbs (kg)
Design
Style 1
Elec
Conn 1
Primary
Amps
Secondary
Amps
3
HT3F3AS
HTS3F3AS
13.00 (330.2) 16.00 (406.4)
9.00 (228.6)
97.0 (44.00)
4
26
7.2
8.3
6
HT3F6AS
HTS3F6AS
13.00 (330.2) 16.00 (406.4)
9.00 (228.6) 141.0 (63.96)
4
26
14.4
16.6
9
HT3F9AS
HTS3F9AS
17.00 (431.8) 20.00 (508.0) 11.00 (279.4) 256.0 (116.12)
4
26
21.7
25.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com