Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT5F30AS Datasheet(PDF) 1 Page - Emerson Electric Co. All rights reserved.

Part # HT5F30AS
Description  Non-Ventilated Automation Transformers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLAHD [Emerson Electric Co. All rights reserved.]
Direct Link  https://www.appleton.emerson.com/
Logo SOLAHD - Emerson Electric Co. All rights reserved.

HT5F30AS Datasheet(HTML) 1 Page - Emerson Electric Co. All rights reserved.

  HT5F30AS Datasheet HTML 1Page - Emerson Electric Co. All rights reserved. HT5F30AS Datasheet HTML 2Page - Emerson Electric Co. All rights reserved. HT5F30AS Datasheet HTML 3Page - Emerson Electric Co. All rights reserved. HT5F30AS Datasheet HTML 4Page - Emerson Electric Co. All rights reserved. HT5F30AS Datasheet HTML 5Page - Emerson Electric Co. All rights reserved. HT5F30AS Datasheet HTML 6Page - Emerson Electric Co. All rights reserved. HT5F30AS Datasheet HTML 7Page - Emerson Electric Co. All rights reserved. HT5F30AS Datasheet HTML 8Page - Emerson Electric Co. All rights reserved. HT5F30AS Datasheet HTML 9Page - Emerson Electric Co. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Note: Weights and dimensions may change and should not be used for construction purposes.
5
Non-Ventilated Automation Transformers
Contact
Technical Services at (800) 377-4384 with any questions.
Visit our website at www.solahd.com.
224
Automation Transformers - Non-Ventilated 50 VA to 45 kVA
SolaHD encapsulated transformers are rated for Hazardous
Locations as well as harsh industrial environments. Encap-
sulation and rugged UL Listed/NEMA Type 3R enclosures
protect the transformer from dust, moisture, and provide
extra shock and vibration resistance. SolaHD transformers
fully comply with the latest addition of the National Electrical
Code for Class I, Division 2, Group A, B, C and D locations
when installed in compliance with NEC 501.100 (B).
Features
Single Phase: .05 - .250 kVA
• UL Listed/NEMA Type 3R non encapsulated enclosure
for indoor and outdoor service
• Low temperature rise, UL Class 130oC insulation
system, 80oC temperature rise under full load
• Conduit knockouts for side entry into wiring
compartment
• Copper lead wire terminations
Single Phase: 0.500 - 25 kVA
Three Phase: 3 - 45 kVA
• UL Listed/NEMA Type 3R encapsulated enclosure for
indoor and outdoor service
• Electrostatically shielded for quality power on sizes
1 kVA and larger
• UL Class 200oC insulation system, 115°C
temperature rise under full load
• Conduit knockouts for side entry into wiring
compartment
• Copper lead wire terminations
• .500 - 45 kVA units are encapsulated with electrical
grade silica and epoxy for industrial applications
Related Products
• Some SolaHD DC power supplies are available with
Class I, Division 2 ratings or encapsulation.
• Surge Protective Devices
Certifications and Compliances
•
Listed: E25872, E77014
- UL 1561 or UL 506
- CSA C22.2 No. 47 or No. 66
Accessories and Optional Design Styles
• Stainless Steel Enclosures
• Copper Wound designs
• UL Listed/NEMA Type 4, 4X or 12 Encapsulated
Enclosures
• Low temperature designs available
E25872
E77014


Similar Part No. - HT5F30AS

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
HT5F30AS EMERSON-NETWORKPOWER-HT5F30AS Datasheet
326Kb / 10P
Automation Transformers - Non-Ventilated 50 VA to 45 kVA
July 2020
More results

Similar Description - HT5F30AS

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SY600 LUMINIS-SY600 Datasheet
405Kb / 2P
Cast aluminum ventilated top cover.
SY605 LUMINIS-SY605 Datasheet
364Kb / 2P
Cast aluminum ventilated top cover.
SY610 LUMINIS-SY610 Datasheet
349Kb / 2P
Cast aluminum ventilated top cover with ceiling mounting plate.
SY800 LUMINIS-SY800 Datasheet
393Kb / 2P
Cast aluminum ventilated top cover.
logo
Silicon Laboratories
SI871X SILABS-SI871X Datasheet
1Mb / 35P
Industrial automation
logo
Pulse A Technitrol Comp...
SLQT1553-1 PULSE-SLQT1553-1 Datasheet
490Kb / 3P
Stacked Dual THT and SMT non-QPL Interface Transformers
logo
Bel Fuse Inc.
LDN481 BEL-LDN481 Datasheet
540Kb / 4P
Industrial automation
logo
Lumins Inc.
SQ600 LUMINIS-SQ600 Datasheet
165Kb / 2P
Cast aluminum ventilated top cover
logo
Festo Corporation.
5237644 FESTO-5237644 Datasheet
100Kb / 1P
Automation system
logo
Emerson Network Power
HS1B50 EMERSON-NETWORKPOWER-HS1B50 Datasheet
326Kb / 10P
Automation Transformers - Non-Ventilated 50 VA to 45 kVA
July 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com