Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP-SERIES Datasheet(PDF) 1 Page - APEM

Part # IP-SERIES
Description  Pushbutton switches for harsh environments - bushing Ø 12 mm - latching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

IP-SERIES Datasheet(HTML) 1 Page - APEM

  IP-SERIES Datasheet HTML 1Page - APEM IP-SERIES Datasheet HTML 2Page - APEM IP-SERIES Datasheet HTML 3Page - APEM IP-SERIES Datasheet HTML 4Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEM
www.apem.com
B1-21
B1
IP series
Pushbutton switches for harsh environments - bushing Ø 12 mm - latching
Distinctive features and specifications
K
Latching action
Actuator remains in the low position when “ON”.
K
Illuminated or non-illuminated
K
Compact
Behind-panel depth less than 20 mm (.787)
K
Flat round actuator for optional marking
K
Sealed to IP67
ENVIRONMENTAL SPECIFICATIONS
• Front panel sealing : IP67 according to IEC 60529
• Shock resistance : 100 g according to IEC 512-4, test 6c
• Vibration resistance : 10-500Hz - 10 g according to IEC 512-4, test 6d
• Salt spray : IEC 512-6, test 11f
• Robustness (non-illuminated) : IK06 according to EN 50102 (1 joule)
• Operating temperature : -40°C to +85°C
ELECTRICAL SPECIFICATIONS
• Max. current/voltage rating with resistive load :
4A 12VDC, 200.000 cycles
1A 48VDC, 200.000 cycles
2A 48VDC, 100.000 cycles
3A 48VDC, 75.000 cycles
1A 72VDC, 15.000 cycles
• Initial contact resistance : 100 mΩ max.
• Insulation resistance : 1 GΩ min. at 500VDC
• Dielectric strength : 1.500 Vrms between terminals
1.000 VAC rms between terminals and frame
MATERIALS
• Case : thermoplastic, UL 94-V0
• Actuator : polyamide 6/6
• Bushing/bezel : zinc die-cast
(zamak), black painted
• Contacts : silver, gold plated
• Output wires (flying lead terminals) :
F version : AWG20, section 0,6 mm2
W version : AWG24, section 0,23 mm2
• LED wires :
F version : AWG26, section 0,12 mm2
W version : AWG24, section 0,23 mm2
• Lens : polycarbonate
• Terminal seal : epoxy
GENERAL SPECIFICATIONS
• Panel thickness : 1,5 mm (.059) min.
5,5 mm (.217) max.
• Total travel : 2,5 mm (.098) +/- 0,3 mm
• Typical operating force : 5 N +/- 2N
• Low level/mech. life : 200.000 cycles
• Torque : 1,5 Nm max. applied to nut
• Soldering : 320°C max. for 3 sec.
LED COMPONENT SPECIFICATIONS
LED colour
Forward current
Super red (L0S)
20mA
20mA
20mA
20mA
Typ. forward voltage Max. forward voltage
1,95V
2V
2,1V
3,2V
Yellow (L0Y)
Green (L0G)
Blue (L0B)
1,95V
2,05V
2,5V
4V
A resistor must be series-connected by the user.
Resistor value = supply voltage - LED forward voltage
LED forward current
MOUNTING
Panel cut-out
Matrix mounting
Back of panel space requirement
ECH1
18.10.01
CIPDTF1EP
Ø13.60
(.535DIA)
12.90
(.507)
(.531DIA)
ø13.50
1
20.00
(.787)
(.787)
20.00
CIPDTF1EA
DESSIN ECH 1
17.10.01
Œ O-ring
For W terminals, current has to
be limited to 400mA.
UG1212-A-R1


Similar Part No. - IP-SERIES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP-00 ETC-IP-00 Datasheet
6Mb / 92P
Applicable Cylinder Series
IP-01 ETC-IP-01 Datasheet
6Mb / 92P
Applicable Cylinder Series
IP-02 ETC-IP-02 Datasheet
6Mb / 92P
Applicable Cylinder Series
logo
DONG IL TECHNOLOGY LTD.
IP-0210H0 DIT-IP-0210H0 Datasheet
1,020Kb / 2P
EMI/EMC FILTER
IP-0210H2 DIT-IP-0210H2 Datasheet
1,020Kb / 2P
EMI/EMC FILTER
More results

Similar Description - IP-SERIES

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
803-008-AA2M5-3 GLENAIR-803-008-AA2M5-3 Datasheet
166Kb / 2P
Cordsets For Harsh Environments
logo
E-SWITCH
700C E-SWITCH-700C Datasheet
503Kb / 3P
PUSHBUTTON SWITCHES - LATCHING
logo
List of Unclassifed Man...
IPC3SAD ETC2-IPC3SAD Datasheet
457Kb / 6P
Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
IAR35F1100 ETC2-IAR35F1100 Datasheet
201Kb / 2P
Low profile pushbutton switches for harsh environments
ICC3SCD1100 ETC2-ICC3SCD1100 Datasheet
205Kb / 4P
Pushbutton switches for harsh environments - short case - bushing 횠 12 mm - momentary
IPC3SAD2 ETC2-IPC3SAD2 Datasheet
350Kb / 6P
Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
IZPR3P422 ETC2-IZPR3P422 Datasheet
489Kb / 13P
Rear mounted sealed pushbutton switches - bushing 횠 16 - metal - latching
IPR1SAD6 ETC2-IPR1SAD6 Datasheet
357Kb / 7P
Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
ISR3SAD300 ETC2-ISR3SAD300 Datasheet
331Kb / 4P
Sealed pushbutton switches - bushing 12 mm - momentary
ISR3SAD200 ETC2-ISR3SAD200 Datasheet
343Kb / 5P
Sealed pushbutton switches - bushing 12 mm - momentary
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com