Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IBR3SAD2 Datasheet(PDF) 4 Page - APEM

Part # IBR3SAD2
Description  Sealed momentary pushbutton switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

IBR3SAD2 Datasheet(HTML) 4 Page - APEM

  IBR3SAD2 Datasheet HTML 1Page - APEM IBR3SAD2 Datasheet HTML 2Page - APEM IBR3SAD2 Datasheet HTML 3Page - APEM IBR3SAD2 Datasheet HTML 4Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
APEM
www.apem.com
B-25
IB and IS series
Sealed momentary pushbutton switches
B
IB SERIES MOUNTING
Panel cut-out
Matrix mounting
IS SERIES MOUNTING
Panel cut-out
Matrix mounting
(.535DIA)
Ø
13.60
12.90
(.507)
(.709)
18.00
18.00
(.709)
Ø12.00
(.472DIA)
Ø
13.50
(.531DIA)
(.535DIA)
Ø
13.60
1
(.507)
12.90
20.00
(.787)
(.787)
20.00
TACTILE FEEDBACK
Cross section
Operating force/travel
Switching point
Force (N)
Travel (mm)
1.5
1.2
0.6
3
➀ Elastomeric membrane ➁ Flat seal
104
: High plunger
PLUNGER OPTION
ADDITIONAL SEALING
By silicone boot, transparent (U5125) or black
(U5125-2), for protection against frost and abrasion by
sand. Order separately.
Operating temperature : -40°C to +125°C
Life expectancy : 500 000 cycles
(.720 DIA)
Ø18.30
2
1
Indicative
nominal curve



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com