Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPR3SAD2 Datasheet(PDF) 4 Page - APEM

Part # IPR3SAD2
Description  Pushbutton switches for harsh environments - bushing Ø 12 mm - latching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

IPR3SAD2 Datasheet(HTML) 4 Page - APEM

  IPR3SAD2 Datasheet HTML 1Page - APEM IPR3SAD2 Datasheet HTML 2Page - APEM IPR3SAD2 Datasheet HTML 3Page - APEM IPR3SAD2 Datasheet HTML 4Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
B1-24
APEM
www.apem.com
B1
IP series
Pushbutton switches for harsh environments - bushing Ø 12 mm - latching
Square or round - non-illuminated
MODEL
STRUCTURE
Square models
CIPDTF1CNL
ø12.00x0.75SI
17.10.01
(.472DIAx0.75IS)
12.00
(.472SQ)
17.50
(.688SQ)
DESSIN ECH 0.9
EPOXY
© Flat
Solder lug terminals
IPC1SAD
OFF
-
ON
Flying lead terminals
IPC1FAD
OFF
-
ON
Round models
EPOXY
(.688DIA)
Ø17.50
(.472DIA)
Ø12.00
(.472DIAx0.75IS)
Ø12.00x0.75SI
Ø12.00
(.472DIA)
© Flat
CURVED ACTUATOR
Solder lug terminals
IPR1SAD
OFF
-
ON
Flying lead terminals
IPR1FAD
OFF
-
ON
FLAT ACTUATOR
Solder lug terminals
IPP1SAD
OFF
-
ON
Flying lead terminals
IPP1FAD
OFF
-
ON
ACTUATOR COLOURS
OPTIONS
100
: Satin chrome bezel
101
: Bright chrome bezel
104
: High actuator (for round model only)
Also available with straight PC : IPC1PAD or quick-connect terminals : IPC1Z1AD
Also available with straight PC : IP•1PAD or quick-connect terminals : IP•1Z1AD
For THIN flying leads, replace F with W.
104
IPR
104
IPP
Ø12.00
(.472DIA)
Ø12.00
(.472DIA)
Actuator marking available on IPP models (symbol 10 mm max.). On request.
Shown with standard flying lead terminals.
For THIN flying leads, replace F with W.
1
: blue - B : dark blue -2 : black - 3 : green - 4 : grey - 5 : yellow - 6 : red - 7/1 : white - 8 : bright chrome
9
: orange - A : satin chrome



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com