Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPR3FAD2 Datasheet(PDF) 3 Page - APEM

Part # IPR3FAD2
Description  Pushbutton switches for harsh environments - bushing Ø 12 mm - latching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

IPR3FAD2 Datasheet(HTML) 3 Page - APEM

  IPR3FAD2 Datasheet HTML 1Page - APEM IPR3FAD2 Datasheet HTML 2Page - APEM IPR3FAD2 Datasheet HTML 3Page - APEM IPR3FAD2 Datasheet HTML 4Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
APEM
www.apem.com
B1-23
B1
IP series
Pushbutton switches for harsh environments - bushing Ø 12 mm - latching
Square or round - illuminated
MODEL
STRUCTURE
• Four LED colours
• Tin plated LED terminals
Square models
CIPDTF1CLU
ø12.00x0.75SI
ECH0.9
(.472DIAx0.75IS)
12.00
(.472SQ)
17.50
(.688SQ)
17.10.01
EPOXY
© Flat
Solder lug terminals
IPC1SAD
OFF
-
ON
Flying lead terminals
IPC1FAD
OFF
-
ON
Round models
CIPDTF1RLU
DESSIN ECH 0.9
ø12.00
(.472DIA)
ø17.50
(.688DIA)
17.10.01
EPOXY
(.472DIAx0.75IS)
ø12.00x0.75SI
© Flat
Solder lug terminals
IPR1SAD
OFF
-
ON
Flying lead terminals
IPR1FAD
OFF
-
ON
ACTUATOR COLOURS
LED COLOURS
L0S
: super red - L0Y : yellow - L0G : green - L0B : blue
Wire colours : black : contact, red : LED anode(+),
blue : LED cathode(-)
CIPDTF1SFCT
DESSIN ECH 0.9
22.10.01
OFF
ON
CIPNLF1COS
17.10.01
(.110)
2.80
1.40
(.055)
DESSIN ECH 0.9
CISCOSZ-A
5-05-03
(.110)
2.80
1.20
(.047)
DESSIN ECH 0.9
Quick-connect Z1
Solder lug S
CISCOSP
ECH: 0.9
5-05-03
(.039)
1.00
Straight P
Also available with straight PC : IPR1PAD or quick-connect terminals : IPR1Z1AD
Also available with straight PC : IPC1PAD or quick-connect terminals : IPC1Z1AD
Shown with standard flying lead terminals.
For THIN flying leads, replace F with W.
For THIN flying leads, replace F with W.
1
: blue - B : dark blue - 2 : black - 3 : green - 4 : grey
5
: yellow - 6 : red - 7/1 : white - 8 : bright chrome
9
: orange - A : satin chrome
OPTIONS
100
: Satin chrome bezel
101
: Bright chrome bezel



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com