Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RASM712X Datasheet(PDF) 4 Page - Switchcraft, Inc.

Part # RASM712X
Description  RIGHT ANGLE MINIATURE POWER JACKS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

RASM712X Datasheet(HTML) 4 Page - Switchcraft, Inc.

  RASM712X Datasheet HTML 1Page - Switchcraft, Inc. RASM712X Datasheet HTML 2Page - Switchcraft, Inc. RASM712X Datasheet HTML 3Page - Switchcraft, Inc. RASM712X Datasheet HTML 4Page - Switchcraft, Inc. RASM712X Datasheet HTML 5Page - Switchcraft, Inc. RASM712X Datasheet HTML 6Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Switchcraft
Terminals
Spring
RAPC712
RAPC722
RAPC732
Brass,
silver-plated
Copper-
alloy,
silver-plated
RASM712
RASM722
RASM732
RASH712
RASH722
RASH732
Brass,
solder-
plated
Copper-
alloy,
solder-
plated
MECHANICAL
Life: 5,000 cycles minimum
Insertion Force: 5 lb. maximum
Withdrawal Force: 0.5 lb. minimum
ELECTRICAL
Contact Resistance: 30 milliohms maximum
Insulation Resistance: 30 megohms @ 100V DC
Dielectric Withstanding Voltage: 250V AC for 1 minute
Current (carrying): 5 A
http://www.switchcraft.com/products/jack-119.html (4 of 6)05/02/2006 11:29:11 •



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com