Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP151
Description  Ultralow Noise, 200 mA, CMOS Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP151 Datasheet HTML 15Page - Analog Devices ADP151 Datasheet HTML 16Page - Analog Devices ADP151 Datasheet HTML 17Page - Analog Devices ADP151 Datasheet HTML 18Page - Analog Devices ADP151 Datasheet HTML 19Page - Analog Devices ADP151 Datasheet HTML 20Page - Analog Devices ADP151 Datasheet HTML 21Page - Analog Devices ADP151 Datasheet HTML 22Page - Analog Devices ADP151 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Data Sheet
ADP151
OUTLINE DIMENSIONS
analog.com
Rev. J | 22 of 23
Updated: February 08, 2022
ORDERING GUIDE
Table 8. Ordering Guide
Model1, 2
Temperature Range
Package Description
Packing Quantity
Package Option3
Marking Code
ADP151ACBZ-1.1-R7
-40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
8R
ADP151ACBZ-1.2-R7
-40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
4R
ADP151ACBZ-1.5-R7
-40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
4S
ADP151ACBZ-1.8-R7
-40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
4T
ADP151ACBZ-2.1-R7
-40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
5E
ADP151ACBZ-2.5-R7
-40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
4U
ADP151ACBZ-2.6-R7
-40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
8Q
ADP151ACBZ-2.75-R7
-40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
4V
ADP151ACBZ-2.85-R7
-40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
4Y
ADP151ACBZ-2.8-R7
-40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
4X
ADP151ACBZ-3.0-R7
-40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
4Z
ADP151ACBZ-3.3-R7
-40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
50
ADP151ACPZ-1.2-R7
-40°C to +125°C
6-Lead LFCSP (2mm x 2mm w/ EP)
Reel, 3000
CP-6-3
LF6
ADP151ACPZ-1.5-R7
-40°C to +125°C
6-Lead LFCSP (2mm x 2mm w/ EP)
Reel, 3000
CP-6-3
LF7
ADP151ACPZ-1.8-R7
-40°C to +125°C
6-Lead LFCSP (2mm x 2mm w/ EP)
Reel, 3000
CP-6-3
LF8
ADP151ACPZ-2.5-R7
-40°C to +125°C
6-Lead LFCSP (2mm x 2mm w/ EP)
Reel, 3000
CP-6-3
LF9
ADP151ACPZ-2.7-R7
-40°C to +125°C
6-Lead LFCSP (2mm x 2mm w/ EP)
Reel, 3000
CP-6-3
LKZ
ADP151ACPZ-2.8-R7
-40°C to +125°C
6-Lead LFCSP (2mm x 2mm w/ EP)
Reel, 3000
CP-6-3
LFG
ADP151ACPZ-3.0-R7
-40°C to +125°C
6-Lead LFCSP (2mm x 2mm w/ EP)
Reel, 3000
CP-6-3
LFH
ADP151ACPZ-3.3-R7
-40°C to +125°C
6-Lead LFCSP (2mm x 2mm w/ EP)
Reel, 3000
CP-6-3
LFJ
ADP151AUJZ-1.2-R7
-40°C to +125°C
5-Lead TSOT
Reel, 3000
UJ-5
LF6
ADP151AUJZ-1.5-R7
-40°C to +125°C
5-Lead TSOT
Reel, 3000
UJ-5
LF7
ADP151AUJZ-1.8-R7
-40°C to +125°C
5-Lead TSOT
Reel, 3000
UJ-5
LF8
ADP151AUJZ-2.5-R7
-40°C to +125°C
5-Lead TSOT
Reel, 3000
UJ-5
LF9
ADP151AUJZ-2.8-R7
-40°C to +125°C
5-Lead TSOT
Reel, 3000
UJ-5
LFG
ADP151AUJZ-2.9-R7
-40°C to +125°C
5-Lead TSOT
Reel, 3000
UJ-5
LTL
ADP151AUJZ-3.0-R7
-40°C to +125°C
5-Lead TSOT
Reel, 3000
UJ-5
LFH
ADP151AUJZ-3.3-R7
-40°C to +125°C
5-Lead TSOT
Reel, 3000
UJ-5
LFJ
ADP151WACBZ-1.1-R7
-40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
F4
ADP151WACBZ-1.2-R7
-40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
F5
ADP151WACBZ-1.5-R7
-40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
F6
ADP151WACBZ-1.8-R7
-40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
EW
ADP151WACBZ-2.1-R7
-40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
F7
ADP151WACBZ-2.5-R7
-40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
F8
ADP151WACBZ-2.6-R7
-40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
F9
ADP151WACBZ-2.75-R7
-40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
FA
ADP151WACBZ-2.85-R7
-40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
FC
ADP151WACBZ-2.8-R7
-40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
FB
ADP151WACBZ-3.0-R7
-40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
FD
ADP151WACBZ-3.3-R7
-40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
FE
ADP151WAUJZ-1.2-R7
-40°C to +125°C
5-Lead TSOT
Reel, 3000
UJ-5
LWL
ADP151WAUJZ-1.8-R7
-40°C to +125°C
5-Lead TSOT
Reel, 3000
UJ-5
LVP
ADP151WAUJZ-2.5-R7
-40°C to +125°C
5-Lead TSOT
Reel, 3000
UJ-5
LWP
ADP151WAUJZ-2.9-R7
-40°C to +125°C
5-Lead TSOT
Reel, 3000
UJ-5
LWQ
ADP151WAUJZ-3.0-R7
-40°C to +125°C
5-Lead TSOT
Reel, 3000
UJ-5
LWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com