Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1763WACPZ-1.0-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP1763WACPZ-1.0-R7
Description  3 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1763WACPZ-1.0-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP1763WACPZ-1.0-R7 Datasheet HTML 14Page - Analog Devices ADP1763WACPZ-1.0-R7 Datasheet HTML 15Page - Analog Devices ADP1763WACPZ-1.0-R7 Datasheet HTML 16Page - Analog Devices ADP1763WACPZ-1.0-R7 Datasheet HTML 17Page - Analog Devices ADP1763WACPZ-1.0-R7 Datasheet HTML 18Page - Analog Devices ADP1763WACPZ-1.0-R7 Datasheet HTML 19Page - Analog Devices ADP1763WACPZ-1.0-R7 Datasheet HTML 20Page - Analog Devices ADP1763WACPZ-1.0-R7 Datasheet HTML 21Page - Analog Devices ADP1763WACPZ-1.0-R7 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Data Sheet
ADP1763
OUTLINE DIMENSIONS
analog.com
Rev. E | 21 of 22
Figure 49. 16-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm Body and 0.75 mm Package Height
(CP-16-22)
Dimensions shown in millimeters
Updated: February 03, 2022
ORDERING GUIDE
Table 9. Ordering Guide
Model1, 2
Temperature Range
Package Description
Packing Quantity
Package
Option
Marking Code
ADP1763ACPZ0.95-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LUQ
ADP1763ACPZ-0.9-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LS1
ADP1763ACPZ-1.0-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LS2
ADP1763ACPZ-1.1-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LS3
ADP1763ACPZ1.25-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LS5
ADP1763ACPZ-1.2-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LS4
ADP1763ACPZ-1.3-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LS6
ADP1763ACPZ-1.5-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LS7
ADP1763ACPZ-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LS0
ADP1763WACPZ0.95-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LWA
ADP1763WACPZ-0.9-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LW4
ADP1763WACPZ-1.0-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LW5
ADP1763WACPZ-1.1-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LWD
ADP1763WACPZ1.25-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LWB
ADP1763WACPZ-1.2-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LW6
ADP1763WACPZ-1.3-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LW7
ADP1763WACPZ-1.5-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LW8
ADP1763WACPZ-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LW9
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com