Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RASM 732P Datasheet(PDF) 3 Page - Switchcraft, Inc.

Part # RASM 732P
Description  RIGHT ANGLE MINIATURE POWER JACKS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

RASM 732P Datasheet(HTML) 3 Page - Switchcraft, Inc.

  RASM 732P Datasheet HTML 1Page - Switchcraft, Inc. RASM 732P Datasheet HTML 2Page - Switchcraft, Inc. RASM 732P Datasheet HTML 3Page - Switchcraft, Inc. RASM 732P Datasheet HTML 4Page - Switchcraft, Inc. RASM 732P Datasheet HTML 5Page - Switchcraft, Inc. RASM 732P Datasheet HTML 6Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switchcraft
* Right-angle power jack for PC mounting.
* Three center conductor pin diameters: .100", .080", and .050".
* Three termination styles, through hole, surface mount and hybrid (combination through
hole and surface mount) which allows use of universal PC board.
* Heat resistant materials for high temperature soldering.
* Flat top aids automatic placement on PC boards.
* Sleeve/shunt spring functions as a built-in switch (eg. permits automatic switchover
from AC to DC when plug is inserted or withdrawn).
* Also available with optional post which secures the jack to the PC board during
insertion and withdrawal.
APPLICATIONS
* DC-powered hand held instrumentation
* Portable computers
* Cellular/portable phones
* Battery chargers
* External low voltage power supplies for instrumentation and more.
SPECIFICATIONS
MATERIALS
Housing: High grade thermoplastic UL 94V-O
Center Pin: Brass, nickel-plated
Part Number
Materials
http://www.switchcraft.com/products/jack-119.html (3 of 6)05/02/2006 11:29:11 •



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com