Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2136ST Datasheet(PDF) 2 Page - Stontronics Ltd.

Part # S2136ST
Description  AC-DC Regulated Adaptors (Plugtop & Desktop Configurations)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STONTRONICS [Stontronics Ltd.]
Direct Link  
Logo STONTRONICS - Stontronics Ltd.

S2136ST Datasheet(HTML) 2 Page - Stontronics Ltd.

  S2136ST Datasheet HTML 1Page - Stontronics Ltd. S2136ST Datasheet HTML 2Page - Stontronics Ltd. S2136ST Datasheet HTML 3Page - Stontronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
More Information
Our AC-DC UK & Euro Plugtop and Desktop Adaptors are high quality and high reliability units which operate in Europe and
countries running 230VAC 50Hz mains voltage. As standard they come in a black plastic case but this along with many other
features can be modified for a custom order for very specific individual customer requirements. These units are manufactured
in China and comply with EN60950-1, CE, EMC and safety requirements.
Please Note: Many AC-DC adaptors are not very energy efficient and can not meet Level IV and V energy efficiency require-
ments as set out in European law, however there are many exemptions. Please make sure you bear this in mind when you
design new products and consider our range of AC-DC switch-mode power supplies instead.
More Information
O/P Plug Configurations
Desktop Drawings
• 6-Pack Set Details:
• 2.1 x 5.5 x 12mm Details:
C
A
——2.1
B
——5.5
C
——12.0
Stontronics Ltd
Data Sheet
AC-DC Regulated Adaptors (Plugtop & Desktop Configurations)
Stontronics Ltd
Chancerygate Business Centre, Cradock Road, Reading, Berkshire, RG2 0AH.
Tel: +44 (0) 118 931 1199 • Fax: +44 (0) 118 931 1145 • Email: info@stontronics.co.uk • Web: www.stontronics.co.uk
Please Note: Image shown is representative of entire range. Individual PSU image &/or drawings or data sheets available on request.
Stontronics Ltd accepts no responsibility for typographical errors in the production of this leaflet. Product specifications are subject to change without notice.
• EI-48 (105):
• EI-66 (130):
105.0
92.0
130.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com