Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX5M8M Datasheet(PDF) 1 Page - Amphenol Corporation

Part # AX5M8M
Description  AX SERIES CABLE CONNECTOR MARKING SLEEVE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

AX5M8M Datasheet(HTML) 1 Page - Amphenol Corporation

  AX5M8M Datasheet HTML 1Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MALE CONNECTOR
1 : 1
FEMALE CONNECTOR
1 : 1
A
B
C
D
E
F
A
B
C
D
E
F
2
13
4
5
6
78
13
2
7
6CB4.17.F1
5
4
SHEET
THIRD ANGLE
PROJECTION
THIS DOCUMENT IS THE PROPERTY OF AMPHENOL AUSTRALIA PTY. LTD.
. NO PART THEREOF MAY BE REPRODUCED AND USED
WITHOUT THE PRIOR WRITTEN CONSENT OF THE OWNER.
LINEAR
X.X ±
X
±
BREAK ALL SHARP EDGES
AND REMOVE ALL BURRS
UNLESS OTHERWISE SPECIFIED
TOLERANCE TO BE
FINISH:
MATERIAL:
X.X'
±
X.X'X " ±
DIMENSIONS IN
DO NOT SCALE
X
±
ANGULAR
Amphenol Australia Pty.Ltd,
22 Industry Blvd, Carrum Downs VIC 3201
DATE:
DATE:
DATE:
PART No:
APP'D:
SCALE:
CKD:
DRN:
TITLE:
DRAWING No.
SIZE:
Amphenol
/
1
30'
15'
MILIMETRES
T.N
17/07/17
1:1
SEE P/No. BREAKDOWN
AX SERIES
CABLE CONNECTOR
MARKING SLEEVE
A3
55010255-000-1
1
1
P.M
P.M
17/07/17
17/07/17
0.5
0.1
0.05
REV
1
X.X ±
AX 3 F B 1 M 018 -AU
PART NUMBER BREAKDOWN
SERIES PREFIX
AX
SERIES PREFIX
3 = 3 CONTACTS
4 = 4 CONTACTS
5 = 5 CONTACTS
GENDER
F = FEMALE SOCKET CONTACTS
M = MALE PIN CONTACTS
SHELL FINISH
B
= BLACK COATING FINISH
BLANK = NICKEL PLATED FINISH
SLEEVE COLOR
0 = BLACK
1 = BROWN
2 = RED
3 = ORANGE
4 = YELLOW
5 = GREEN
6 = BLUE
7 = VIOLET
8 = GREY
9 = WHITE
MARKING
M
= MARKING
BLANK = NO MARKING
PRINT NUMBER
FROM 01 TO 99
CONTACT PLATING
AU
= GOLD PLATED
BLANK = STANDARD PLATING
(SILVER OR TIN- REFER TO
AX SERIES STANDARD DATA)
REVISION HISTORY
REV
ZONE
DESCRIPTION
BY APPROVED
DATE
ECN
1
FIRST ISSUE
T.N
P.M
27/07/17
9447
l
oH
1
R
0
2
o
en
S
EU
/
5
6
1 /
ant
i
pl
us
A
NOTE:
1. NUMBER "18" AS SHOWN ON THE CONNECTOR VIEWS
IS FOR AN EXAMPLE OF PRINT ONLY.
2. LEADING ZEROS ARE OMITTED IN PRINT NUMBERS.
3. NUMBER 6 AND 9 ARE UNDERLINED.
4. PRINT COLOR IS BLACK FOR WHITE SLEEVE AND WHITE FOR
ALL OF THE REST.
(72.0)
(72)


Similar Part No. - AX5M8M

ManufacturerPart #DatasheetDescription
logo
TP-Link Technologies Co...
AX50 TP-LINK-AX50 Datasheet
1Mb / 7P
Dual Band Gigabit Wi-Fi 6 Router
logo
Microsemi Corporation
AX500 MICROSEMI-AX500 Datasheet
13Mb / 262P
Axcelerator Family FPGAs
AX500 MICROSEMI-AX500 Datasheet
13Mb / 262P
Axcelerator Family FPGAs
logo
Actel Corporation
AX500-1BG896 ACTEL-AX500-1BG896 Datasheet
2Mb / 226P
Axcelerator Family FPGAs
AX500-1BG896B ACTEL-AX500-1BG896B Datasheet
2Mb / 226P
Axcelerator Family FPGAs
More results

Similar Description - AX5M8M

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX5-73 FUJI-EDSX5-73 Datasheet
165Kb / 8P
FCX ??AX SERIES PRESSURE TRANSMITTER
EDSX6-102 FUJI-EDSX6-102 Datasheet
163Kb / 8P
FCX ??AX SERIES FLOW TRANSMITTER
logo
Amphenol Corporation
AX3M AMPHENOL-AX3M Datasheet
1Mb / 6P
AX SERIES XLR CABLE CONNECTORS
logo
PHOENIX CONTACT
2985945 PHOENIX-2985945 Datasheet
84Kb / 3P
AX OPC SERVER
1400942 PHOENIX-1400942 Datasheet
73Kb / 2P
Sleeve housing for cable connector - RC-00000001100
11/05/2018
logo
Pepperl+Fuchs Inc.
VAZ-FK-ST1 PF-VAZ-FK-ST1 Datasheet
81Kb / 1P
Flat cable sleeve
VAZ-2FK-GLAND-12NPT PF-VAZ-2FK-GLAND-12NPT Datasheet
138Kb / 1P
Seal Flat cable sleeve
2014-06-19
VAZ-2FK-GLAND-M20 PF-VAZ-2FK-GLAND-M20 Datasheet
133Kb / 1P
Seal Flat cable sleeve
2014-06-19
VAZ-FK-GLAND-12NPT PF-VAZ-FK-GLAND-12NPT Datasheet
137Kb / 1P
Seal Flat cable sleeve
2014-06-19
VAZ-FK-GLAND-M20 PF-VAZ-FK-GLAND-M20 Datasheet
132Kb / 1P
Seal Flat cable sleeve
2014-06-19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com