Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV0630C900 Datasheet(PDF) 15 Page - APEM

Part # AV0630C900
Description  SWITCH, SPNO RoHS : Compliant
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

AV0630C900 Datasheet(HTML) 15 Page - APEM

Back Button AV0630C900 Datasheet HTML 11Page - APEM AV0630C900 Datasheet HTML 12Page - APEM AV0630C900 Datasheet HTML 13Page - APEM AV0630C900 Datasheet HTML 14Page - APEM AV0630C900 Datasheet HTML 15Page - APEM AV0630C900 Datasheet HTML 16Page - APEM AV0630C900 Datasheet HTML 17Page - APEM AV0630C900 Datasheet HTML 18Page - APEM AV0630C900 Datasheet HTML 19Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
B-102
APEM
www.apem.com
AV series
Security pushbutton switches
Bushing Ø 22 (.866) - momentary (NO)
AV series
Security pushbutton switches
Bushing Ø 22 (.866) - other electrical functions
B
Curved actuator
Screw terminals
AV02•003C900
Solder lug / quick-connect terminals
AV02•003C200
Ø15.00
(.590DIA)
Ø25.00
(.984DIA)
OTHER CONFIGURATIONS
Flatted bushing
Flat actuator
Screw terminals
AVM3•003C900
Curved actuator
Screw terminals
AVM2•003C900
(.984DIA)
Ø25.00
(.590DIA)
Ø15.00
(.393
10.00
Ø22.20
(.874DIA)
)
Case style
: replace • with 1 for short case and 0 for long case.
Bushing Ø 22 (.866) - Normally closed (NC) - AV..1200
Bushing Ø 22 (.866) - alternate action - AV..4700
• Single pole, screw terminals, without marking
• Silver plated copper contacts (C)
• Max. current/voltage rating with resistive load :
2A 250VAC - 3A 125VAC - 2,5A 24VDC
• Dielectric strength :
2.000 Vrms 50 Hz min. betw. term. and frame
2.000 Vrms. 50 Hz min. between terminals
• Electrical life : 100.000 cycles at 0,3A 24VAC or DC
10.000 cycles at full load
• Packaging unit : 20 pieces
Flat actuator
Curved actuator
AV031202C00
AV021202C00
• Double pole, solder lug/quick-connect term., curved actuator
• Silver contacts
• Max. current/voltage rating with resistive load :
3(1,5)A 250VAC - 6A 125VAC - 3A 24VAC or DC
• Dielectric strength :
3.000 Vrms min. between terminals and frame
• Electrical life : 10.000 cycles at full load
50.000 cycles at 1A 24VAC or DC
• Mechanical life : 100.000 cycles
• Packaging unit : 10 pieces
AV044746A200
ON
-
ON
7.00
(.275)
15.40
(.606)
(.551)
(.141)
14.00
3.60
2.00
(.078)
(.118)
3.00
Ø22.00x1.00 SI
(.866DIAx1.00 IS)
(.118DIAx.0.50)
Ø3.00x0.50
Hex nut 25 (.984) across flats
Hex nut 25 (.984) across flats
(.551)
(.141)
14.00
3.60
1.60
(.063)
(.118)
3.00
Ø22.00x1.00 SI
(.866DIAx1.00 IS)
(.811)
20.60
7.20
(.283)
Further specifications : see previous page. Bushing/actuator materials, marking and sealing : see ”options” on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com