Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OF203JE. Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # OF203JE.
Description  OD/OF/OA Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

OF203JE. Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  OF203JE. Datasheet HTML 1Page - Ohmite Mfg. Co. OF203JE. Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
93
OD/OF/OA Series
Little Demon® Carbon Composition Molded
OD/OF Series (5% Tol.) OA Series (10%)
Series Wattage
Ohms
Tolerance Max. Voltage Dielectric VAC
OD
0.25 2.2-5.6M
±5%
250
500
OF
0.50
2.2-20M
±5%
350
700
OA
1.00
2.2-1M
±10%
500
1000
Series Length max.
Diam. max.
Lead Dia.
OD
0.276 / 7.0 0.098 / 2.5 0.024/0.60
OF
0.406 /10.3 0.150 / 3.8 0.028/0.70
OA
0.591 /15.0 0.236 / 6.0 0.035/0.92
L
D
1.135" ±0.12 / 28.83mm ±3
(OA: 1.18" / 30.0mm)
Terminals Solder-coated copper terminal.
Body Molded Phenolic
Tolerance ±5% (OD/OF); ±10% (OA)
Derating Linearly from 100% @ +70°C to 0% @ 130°C
1
10
100
1,000
10,000
100,000
Pulse width (s)
1
10-1
10-2
10-3
10-4
10-5
10-6
10-7
Single Pulse Power Capability
OF
OD
Ohmite’s Little Demons are small, reliable carbon
composition resistors with exceptional strength.
They are made tough by a molding process that
combines the terminals, insulation and resistive ele-
ment into an integrated unit. Along with their small
size, Little Demons perform with low noise, dissipate
heat rapidly and offer high temperature stability.
Color codes are readable even after prolonged use
thanks to a very durable coating that resists abra-
sions and chipping normally associated with auto-
matic insertion equipment.
Fe A ture S
• Molded insulation for high dielectric strength
• Rugged construction
• High surge capabilities
• Comparable to “Mil” RC07, RC20, and RC32 types
• OD/OF Series available in E24 values
• OA Series available in E12 values
Serie S S peci F ic Ati O n S
c h A r A cteri S tic S
Dimen S i O n S
(continued)
Discontinuance Notice: OA series
is not recommended for new de-
signs. The OA series will no longer
be available for new orders after
8-30-14. After this date existing
stock will be sold until depleted.


Similar Part No. - OF203JE.

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
OF24GJE OHMITE-OF24GJE  Datasheet
226Kb / 2P
OD/OF/OA Series
More results

Similar Description - OF203JE.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M801 ETC-M801 Datasheet
219Kb / 1P
OD M801
logo
Ohmite Mfg. Co.
7071 OHMITE-7071 Datasheet
124Kb / 1P
Carbon Composition Molded OD/OF Series (5% Tol.) OA Series (10%)
OD471JE OHMITE-OD471JE Datasheet
226Kb / 2P
OD/OF/OA Series
OD103JE OHMITE-OD103JE Datasheet
306Kb / 2P
Little Demon짰 Carbon Composition Molded OD/OF Series (5% Tol.) OA Series (10%)
OF820JE OHMITE-OF820JE Datasheet
306Kb / 2P
Little Demon짰 Carbon Composition Molded OD/OF Series (5% Tol.) OA Series (10%)
OF102JE OHMITE-OF102JE Datasheet
306Kb / 2P
Little Demon짰 Carbon Composition Molded OD/OF Series (5% Tol.) OA Series (10%)
logo
List of Unclassifed Man...
130JE ETC2-130JE Datasheet
124Kb / 1P
Carbon Composition Molded OD/OF Series (5 Tol.) OA Series (10)
logo
Ohmite Mfg. Co.
OF100JE OHMITE-OF100JE Datasheet
306Kb / 2P
Little Demon짰 Carbon Composition Molded OD/OF Series (5% Tol.) OA Series (10%)
OF750JE OHMITE-OF750JE Datasheet
306Kb / 2P
Little Demon Carbon Composition Molded OD/OF Series (5 Tol.) OA Series (10)
logo
NIHON DEMPA KOGYO
NX2016HA NDK-NX2016HA Datasheet
666Kb / 1P
For OA / AV
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com