Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OD100JE. Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # OD100JE.
Description  OD/OF/OA Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

OD100JE. Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  OD100JE. Datasheet HTML 1Page - Ohmite Mfg. Co. OD100JE. Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
94
Tape/Reel
OD
OF
Qty./reel
5000
3000
Reel size (mm)
260
260
Qty./carton
40,000 24,000
Gross carton wt. (kg)
12
13
Carton size (m3)
0.04
0.04
Ammo Box
OD
OF
Tape width (mm)
52
52
Qty./box
2000
2000
Qty./carton
30,000 30,000
Gross carton wt. (kg)
10
16
Carton size (m3)
0.03
0.05
75mm
±5
60mm
±5 (OD)
65mm
±5 (OF)
275mm
±5 (OD)
455mm
±5 (OF)
52.4mm +1.6
-1.4
6mm
±.5
5.08mm
±.38
0.5mm max.
L1
L2
L1 – L2 = 1mm max.
1mm max.
3.2mm min.
280mm
(ref.)
260mm
±5
60.4mm
±1
14.5mm
±.5
3mm
60.4mm
±1
OD/OF/OA Series
Little Demon® Carbon Composition Molded
OD/OF Series (5% Tol.) OA Series (10%)
p A ck A ging
re S i S t O r u S e gui D eline S
b A ke pr O ce D ure
O r D ering in FO rm Ati O n
A. Heat Treatment
110°C ±10°C
15 hours
B. Frequency of
heat treatment
1 time only
Carbon composition resistors are manufactured by extruding
a blend of carbon and organic binders inside a phenolic outer
body. The extrusion is cut to length, leads inserted, cured,
and marked to form a finished resistor. The carbon and binder
mixture is adjusted to produce different resistance values. The
resistors are sorted for 5%, 10%, and 20% tolerance values.
Carbon composition resistors are able to withstand larger
short-term pulses and higher voltages than film resistors and
are virtually impervious to ESD events (Electro-static dis-
charge). Carbon composition resistors are also sensitive to
moisture and, therefore, storage recommendations should be
adhered to. Generally, any moisture absorbed during storage
will be "baked out" during the soldering operation. If the prod-
uct is stored properly the resistance shift during the soldering
operation will be minimal, less than 2% or 3%.
Carbon composition resistors are highly hygroscopic and
changes in resistance value can occur if too much moisture is
absorbed. For this reason, it is recommended not to use water
or water-soluble solvents to clean these components. Alcohol
or hydrocarbon solvents are recommended for rinsing.
All resistors are packaged in sealed poly bags with desiccant
to maintain a consistent humidity during storage. If parts are
removed from the protective plastic bag they should be used
as soon as possible or resealed in the plastic bag.
Storage: Ohmite recommends storing carbon composition
resistors in a controlled environment at a temperature of 5° to
35°C and relative humidity of less than 60%. Inventory should
always be used on a first-in-first-out basis.
D. Cautions
Solderability: may be affected due to oxidization of lead wire
Resistance value: some units may not completely recover to
original value.
Soldering heat: some treated product may have substantial
resistance change during soldering operation. It is recom-
mended that parts be tested to evaluate soldering heat
effects.
C. Solder heat test after treatment
Solder
Dip
Type
Temp.
Time
Evaluation
OD
300°C
3 sec
within ±3%
OF
350°C
3 sec
within ±3%
*Depth of Immersion: 3mm from the resistor
body
• OD/OF Series available in E24 values
• OA Series available in E12 values
Series
OD
OF
OA
Tolerance
OD, OF:J =5%
OA:
K = 10%
Ohms
68G =
6.8
680 =68
681 =
680
682 =
6,800
683 = 68,000
684 = 680,000
RoHS compliant
OD683JE -TR
Tape & reel
optional



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com