Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD100 Datasheet(PDF) 2 Page - Black Box Registered Trademark

Part # PSD100
Description  DIN Rail Converter and Repeaters with Opto-Isolation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

PSD100 Datasheet(HTML) 2 Page - Black Box Registered Trademark

  PSD100 Datasheet HTML 1Page - Black Box Registered Trademark PSD100 Datasheet HTML 2Page - Black Box Registered Trademark PSD100 Datasheet HTML 3Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
724-746-5500
blackbox.com
BLACK BOX®
4/28/2010
#26667
2 of 3
Converter (ICD100A):
» Optically isolates and converts unbalanced
half- or full-duplex RS-232 signals to optically
isolated and balanced full-duplex RS-422 or
2-wire half- or 4-wire full-duplex RS-485.
» Switch-selectable data rates between 2400 bps
and 19.2 kbps.
» Conveniently mounts on optional DIN rails.
Repeaters (ICD102A, ICS103A):
» The RS-422/RS-485 model acts as a repeater,
an isolator, an extender, and a converter. It
features switch-selectable data rates between
2400 bps and 115.2 kbps.
» The RS-232 model isolates the TD, RD, RTS,
and CTS channels. All four channels support
speeds up to 115.2 kbps.
Features
Put your industrial communications on the right track with this DIN rail solution!
The RS-232↔RS-422/RS-485 DIN Rail Converter with Opto-Isolation
(ICD100A) DIN rail-mountable device suppresses surges on RS-422/
485 lines as it optically isolates and converts unbalanced full-
or half-duplex RS-232 to optically isolated balanced full- or half-duplex
RS-422 or RS-485.
The DIN Rail Repeaters with Opto-Isolation protect equipment from
ground loops and spikes while optically isolating it from the rest
of a network and expanding a system beyond node or distance limits.
Two repeaters are available: RS-422/RS-485 (ICD102A) and RS-232
(ICD103A).
You can use the converter and repeaters together to link your
industrial devices together and/or add distance between the devices.
They provide superior performance in an industrial environment, such
as a manufacturing plant (see the diagram above).
OVERVIEW
Fiber Optic Cable
2.5 miles (4 km)
DIN Rail
RS-232/
RS-485↔
Fiber Driver
(MED100A)
Time Clocks
DB9 Male/Female Serial
Mouse Extension
Cable (BC00200)
Individually Shielded
Low-Capacitance
Cable (ERN24A)
Scale
DIN Rail
12-VDC
Power
Supply
(PSD100)
DIN Rail
12-VDC
Power
Supply
(PSD100)
RS-232↔RS-422/
RS-485 DIN Rail
Converter with
Opto-Isolation
(ICD100A)
Individually
Shielded
Low-Capacitance
Cable (ERN24A)
Time Clock
Conveyor
Belt
Workstation
DIN Rail
RS-232/
RS-485↔
Fiber Driver
(MED100A)
Remote Site
Up to 4000 feet away
Individually Shielded
Low-Capacitance Cable (ERN24A)
Individually Shielded
Low-Capacitance
Cable (ERN24A)
RS-422/
RS-485
DIN Rail
Repeater
with Opto-
Isolation
(ICD102A)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com