Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILT2S Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # ILT2S
Description  BELT-TY INLINE-TIE CABLE TIESILT SERIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

ILT2S Datasheet(HTML) 1 Page - PANDUIT CORP.

  ILT2S Datasheet HTML 1Page - PANDUIT CORP. ILT2S Datasheet HTML 2Page - PANDUIT CORP. ILT2S Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ILT2S-M
q
• For indoor use
• Parallel-entry cable tie that threads like a belt (180° entry)
• Low profile head avoids snags and reduces overall bundle size
• 35% lower head height than conventional 90° ties
• Parallel-entry limits exposure to sharp edges and protects workers' arms/hands
• Curved tip is easy to pick up from flat surfaces and allows faster initial threading to speed
installation
Part Number
ILT2S-M
RoHS Compliancy Status
Compliant
Part Description
Belt-Ty™ In-Line Cable Tie, 8.3" Standard cross section
Product Type
Cable Ties
Material
Nylon 6.6
Color
Natural
CSA Certified
Yes
Mil. Std. Part Number
MS3367-23-9
UL Listed (File #E56854)
Yes
UL Recognized (File #E56854)
Yes
Length (In.)
8.3
Length (mm)
211
Width (In.)
.190
Width (mm)
4.8
CE Compliant
Yes
Cross Section
Standard
Head Height (In.)
.140
Head Height (mm)
3.6
Head Width (In.)
.316
Head Width (mm)
8.0
Locking Style
Locking
Material Flammability Rating
UL 94V-2
Max. Bundle Diameter (In.)
1.88
Max. Bundle Diameter (mm)
48
Max. Continuous Use Temperature 185°F (85°C)
Min. Loop Tensile Strength (Lbs.)
50


Similar Part No. - ILT2S

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
ILT2S-C PANDUIT-ILT2S-C Datasheet
37Kb / 3P
Belt-Ty™ In-Line Cable Ties
More results

Similar Description - ILT2S

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PLT1M-M PANDUIT-PLT1M-M Datasheet
55Kb / 1P
PAN-TY CABLE TIE - PLT SERIES
logo
List of Unclassifed Man...
561-TA00600 ETC2-561-TA00600 Datasheet
134Kb / 2P
Cable Tie Holders
561-TA250125 ETC2-561-TA250125 Datasheet
140Kb / 2P
Cable Tie Mount
logo
PANDUIT CORP.
ABM1M-A-C PANDUIT-ABM1M-A-C Datasheet
191Kb / 1P
Tak-Ty Hook Loop Cable Tie Mounts
PLT3S-M0 PANDUIT-PLT3S-M0 Datasheet
64Kb / 1P
PAN-TY CABLE TIES-PLT SERIES
PLT3I-M PANDUIT-PLT3I-M Datasheet
64Kb / 1P
PAN-TY CABLE TIES-PLT SERIES
PLT1S-M PANDUIT-PLT1S-M Datasheet
83Kb / 2P
PAN-TY CABLE TIES - PLT SERIES
PL3B5EH-C0 PANDUIT-PL3B5EH-C0 Datasheet
132Kb / 1P
Pan-Ty Triple Loop Cable Tie ?밯eather Resistant Nylon 6.6
PLT1M-XMR PANDUIT-PLT1M-XMR Datasheet
172Kb / 1P
PAN-TY CABLE TIE PLT SERIES
logo
List of Unclassifed Man...
TDS ETC-TDS Datasheet
1Mb / 6P
SELF-CLINCHING TY-D® CABLE TIE-MOUNTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com