Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INEMO-M1 Datasheet(PDF) 21 Page - STMicroelectronics

Part # INEMO-M1
Description  iNEMO system-on-board
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

INEMO-M1 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button INEMO-M1 Datasheet HTML 17Page - STMicroelectronics INEMO-M1 Datasheet HTML 18Page - STMicroelectronics INEMO-M1 Datasheet HTML 19Page - STMicroelectronics INEMO-M1 Datasheet HTML 20Page - STMicroelectronics INEMO-M1 Datasheet HTML 21Page - STMicroelectronics INEMO-M1 Datasheet HTML 22Page - STMicroelectronics INEMO-M1 Datasheet HTML 23Page - STMicroelectronics INEMO-M1 Datasheet HTML 24Page - STMicroelectronics INEMO-M1 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
DocID023268 Rev 1
21/35
INEMO-M1
MCU
35
5.11
USB
The STM32F103xE performance line family embeds a USB device peripheral compatible
with the USB full-speed 12Mbit/s.
Table 14 provides the pin description of the INEMO-M1 USB peripheral.
5.12
Analog to digital converter (ADC)
The INEMO-M1 provides three 12-bit analog-to-digital converters embedded in the
STM32F103xE performance line devices for a total of 16 available external channels,
performing conversions in single-shot or scan modes. In scan mode, automatic conversion
is performed on a selected group of analog inputs. The ADCs can be served by the DMA
controller.
The pin description of the INEMO-M1 ADC is given in Table 15.
Table 14. INEMO-M1 USB pin configuration
Peripheral
INEMO-M1
function
INEMO-M1
pin number
STM32F103REY6
pin name
Feature
USB
USB_DM
8
PA11
USB for external communication
USB_DP
9
PA12
Table 15. INEMO-M1 ADC pin configuration
Peripheral
INEMO-M1
function
INEMO-M1 pin
number
STM32F103REY6
pin name
Feature
ADC
ADC123_IN0
7
PA0
ADC for external
data acquisition
ADC123_IN1
26
PA1
ADC123_IN2
5
PA2
ADC123_IN3
4
PA3
ADC12_IN4
22
PA4
ADC12_IN5
23
PA5
ADC12_IN6
24
PA6
ADC12_IN7
25
PA7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com