Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB421 Datasheet(PDF) 1 Page - Matrix Technology Solutions Ltd

Part # EB421
Description  Easy Zigbee pack
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MATRIX [Matrix Technology Solutions Ltd]
Direct Link  https://www.matrixtsl.com/
Logo MATRIX - Matrix Technology Solutions Ltd

EB421 Datasheet(HTML) 1 Page - Matrix Technology Solutions Ltd

  EB421 Datasheet HTML 1Page - Matrix Technology Solutions Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.matrixmultimedia.com
e
BLOCKS
TM
learn design build
EB421
Easy ZigbEE pack
What does it do?
This product is a bundle containing a selection of E-blocks development
boards – including an internet board - as well as a professional version
of Flowcode graphical development software.
Benefits
• Facilitates rapid development of embedded internet
based projects
Features
• Ideal for Zigbee system development
• Includes a full copy of Flowcode
• Great for learning and project development
Description
This bundle includes everything you need to rapidly
develop Zigbee based systems linked to microcontrol-
ler hardware.The bundle includes a copy of Flowcode
V3 professional, three E-blocks PICmicro microcontroller
USB multiprogrammers, LCD board, LED board, switch
board, three Zigbee boards, two sensor boards, power supply,
and three 16F877A devices. Flowcode macros for rapid Zigbee
development are available. Datasheets on each individual item
are available separately.
Product code descriPtion
EB003
E-Blocks sensor interface x2
EB00400
E-Blocks LED board
EB00500
E-Blocks LCD board
EB00600
E-blocks USB Multiprogrammer x3
EB00700
E-Blocks Switch board
EB051
E-blocks Zigbee board x3
Included in the bundle:
EB355
E-Blocks User guide
ELSAM
ELSAM mini CD ROM
HP16F877
PIC16F877A x3
HP459
I-Code SLI card
HP5328
International power supply with adaptors x2
HPUSB
USB lead
TEFLCSI3
Flowcode V3 professional


Similar Part No. - EB421

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB421R10 VISHAY-EB421R10 Datasheet
158Kb / 4P
Edgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C, Standard and Right Angle Terminals
14-Aug-02
EB421R10SGX15 VISHAY-EB421R10SGX15 Datasheet
166Kb / 4P
Edgeboard Connectors, Dual Readout, 0.100" (2.54 mm) C-C, Standard and Right Angle Terminals
16-Feb-09
EB421R12 VISHAY-EB421R12 Datasheet
158Kb / 4P
Edgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C, Standard and Right Angle Terminals
14-Aug-02
EB421R12SGX15 VISHAY-EB421R12SGX15 Datasheet
166Kb / 4P
Edgeboard Connectors, Dual Readout, 0.100" (2.54 mm) C-C, Standard and Right Angle Terminals
16-Feb-09
EB421R15 VISHAY-EB421R15 Datasheet
158Kb / 4P
Edgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C, Standard and Right Angle Terminals
14-Aug-02
More results

Similar Description - EB421

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230 Datasheet
423Kb / 50P
ZigBee/IEEE 802.15.4-Transceiver
logo
List of Unclassifed Man...
ZB21 ETC2-ZB21 Datasheet
759Kb / 5P
ZigBee OEM Module
logo
RF Micro Devices
ZPM3570 RFMD-ZPM3570 Datasheet
1Mb / 18P
ZigBee Pro Module
logo
RF Monolithics, Inc
ZPM3570-E RFM-ZPM3570-E Datasheet
1Mb / 18P
ZigBee Pro Module
logo
List of Unclassifed Man...
PROBEE-ZE20S ETC-PROBEE-ZE20S Datasheet
1Mb / 19P
ZigBee OEM module
ZE10-KR ETC-ZE10-KR Datasheet
419Kb / 2P
Zigbee oem module
ZU10 ETC-ZU10 Datasheet
397Kb / 2P
Zigbee usb adapter
logo
NXP Semiconductors
JN5169-001-M0X-2 NXP-JN5169-001-M0X-2 Datasheet
801Kb / 27P
ZigBee 3.0, ZigBee PRO and IEEE802.15.4 modules
Rev.3.0-19 September 2016
JN5179-001-M1X NXP-JN5179-001-M1X Datasheet
788Kb / 28P
ZigBee 3.0, ZigBee PRO, Thread and IEEE802.15.4 modules
Rev. 2.0-26 October 2016
logo
AVX Corporation
1001312 AVX-1001312 Datasheet
1Mb / 9P
Wi -Fi/BT/Zigbee Zigbee or UWB Ceramic Antenna
8/4/2022 Rev. 1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com