Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA Datasheet(PDF) 1 Page - Pro-Signal

Part # ATA
Description  Serial ATA Power Leads
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

ATA Datasheet(HTML) 1 Page - Pro-Signal

  ATA Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Price Each
Description
Order Code
1 SATA Connector
101-9938
2 SATA Connectors
101-9947
Serial ATA Power Leads
Power adaptor leads to use with Serial ATA drives
which only have the new ’edge connector’ style
plug.
Ì 1 SATA plug - lead length is 200mm
Ì 2 SATA plugs - lead length is 100mm
416473.311474


Similar Part No. - ATA

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
ATA ARTESYN-ATA Datasheet
395Kb / 2P
Efficiency up to 86%
logo
List of Unclassifed Man...
ATA-120 ETC-ATA-120 Datasheet
392Kb / 13P
20W Class D Single Channel Audio Amplifier
logo
ANADIGICS, Inc
ATA00501D1C ANADIGICS-ATA00501D1C Datasheet
306Kb / 7P
AGC TRANSIMPEDANCE AMPLIFIER
REV 1.5
ATA00501D1C ANADIGICS-ATA00501D1C Datasheet
222Kb / 8P
AGC TRANSIMPEDANCE AMPLIFIER
Rev. 1.5
ATA00501S2C ANADIGICS-ATA00501S2C Datasheet
180Kb / 6P
AGC TRANSIMPEDANCE AMPLIFIER
REV 1
More results

Similar Description - ATA

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK-SATA-PC-015-R ASSMANN-AK-SATA-PC-015-R Datasheet
84Kb / 1P
Serial ATA Power Supply Cable
AK-SATA-SP-075-R ASSMANN-AK-SATA-SP-075-R Datasheet
84Kb / 1P
Serial ATA (SATA) to Power Supply
logo
Adam Technologies, Inc.
SATA-A-PL-SMT-K ADAM-TECH-SATA-A-PL-SMT-K Datasheet
121Kb / 1P
SERIAL ATA CONNECTOR
SATA-A-PL-VT-K ADAM-TECH-SATA-A-PL-VT-K Datasheet
89Kb / 1P
SERIAL ATA CONNECTOR
SATA-A-PL-VT-K-X ADAM-TECH-SATA-A-PL-VT-K-X Datasheet
96Kb / 1P
SERIAL ATA CONNECTOR
SATA-B-PL-SMT-K-BL ADAM-TECH-SATA-B-PL-SMT-K-BL Datasheet
102Kb / 1P
SERIAL ATA CONNECTOR
SATA-B-PR-RT ADAM-TECH-SATA-B-PR-RT Datasheet
90Kb / 1P
SERIAL ATA CONNECTOR
SATA-C-PR-SMT-K ADAM-TECH-SATA-C-PR-SMT-K Datasheet
105Kb / 1P
SERIAL ATA CONNECTOR
SATA-G-PM-SMT ADAM-TECH-SATA-G-PM-SMT Datasheet
95Kb / 1P
SERIAL ATA CONNECTOR
SATA-S-PM-SMT ADAM-TECH-SATA-S-PM-SMT Datasheet
134Kb / 1P
SERIAL ATA CONNECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com