Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA33 Datasheet(PDF) 1 Page - Pro-Signal

Part # ATA33
Description  ATA33 IDE Cables
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

ATA33 Datasheet(HTML) 1 Page - Pro-Signal

  ATA33 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Price Each
Description
Length
Order Code
ATA33 Dual Drive Cable
50 CM
778-710
2.5" 44 Way to 40 Way Adaptor Cable
—
874-4572
ATA33 IDE Cables
Ì For use with ATA33 Drives
Ì 40 way IDE socket with 40 way ca-
ble
Ì A 40 way IDE socket to 44 way IDE
socket for 2.5" drive conversion is
available
Ì A 40 way dual drive cable and 34
way floppy drive cable is available
as a kit
235812


Similar Part No. - ATA33

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ATA30013 ANADIGICS-ATA30013 Datasheet
133Kb / 4P
TRANSIMPEDANCE AMPLIFIER
REV 1
logo
ATMEL Corporation
ATA3741 ATMEL-ATA3741 Datasheet
481Kb / 31P
UHF ASK Receiver IC
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742 Datasheet
601Kb / 34P
UHF ASK/FSK Receiver
ATA3742P3-TGQY ATMEL-ATA3742P3-TGQY Datasheet
601Kb / 34P
UHF ASK/FSK Receiver
More results

Similar Description - ATA33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
SL11RIDE CYPRESS-SL11RIDE Datasheet
316Kb / 27P
USB to IDE/ATAPI Solution
Revised November 30, 2001
logo
NEC
UPD720130 NEC-UPD720130 Datasheet
316Kb / 44P
USB2.0 to IDE Bridge
logo
Winbond
W83769 WINBOND-W83769 Datasheet
163Kb / 21P
LOCAL BUS IDE SOLUTION
logo
Silicon image
SII0680A SILICONIMAGE-SII0680A Datasheet
781Kb / 124P
PCI to IDE/ATA
logo
CTS Corporation
RT1200B7 CTS-RT1200B7 Datasheet
117Kb / 2P
Memory & IDE Terminator
logo
Transcend Information. ...
TS0GSJ25S TRANSCEND-TS0GSJ25S Datasheet
152Kb / 3P
IDE HDD Enclosure
logo
Emerson Network Power
30-9530 EMERSON-NETWORKPOWER-30-9530 Datasheet
59Kb / 1P
Computer Cables Adapters Cables
logo
Axiomtek Co., Ltd.
FID AXIOMTEK-FID_17 Datasheet
151Kb / 1P
Flash in Disk-IDE
FIM AXIOMTEK-FIM_17 Datasheet
455Kb / 1P
IDE/ATA standard interface
logo
Ultralife Corporation.
CAXXXX ULTRALIFE-CAXXXX Datasheet
475Kb / 3P
Cables
26 MAY 21 Rev: R
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com