Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL600 Datasheet(PDF) 2 Page - NVE Corporation

Part # IL600
Description  IL600-Series Isolator Evaluation Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL600 Datasheet(HTML) 2 Page - NVE Corporation

  IL600 Datasheet HTML 1Page - NVE Corporation IL600 Datasheet HTML 2Page - NVE Corporation IL600 Datasheet HTML 3Page - NVE Corporation IL600 Datasheet HTML 4Page - NVE Corporation IL600 Datasheet HTML 5Page - NVE Corporation IL600 Datasheet HTML 6Page - NVE Corporation IL600 Datasheet HTML 7Page - NVE Corporation IL600 Datasheet HTML 8Page - NVE Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
The IL600-Series Isolator evaluation board lets you try a variety of NVE’s unique IL600-
Series Isolators.
The board has four isolators in four package types:
• IL613E (wide-body SOIC-16)
• IL614-3E (narrow-body SOIC-16)
• IL611-3E (SOIC-8)
• Open-drain IL610A-1E (MSOP-8)
A pushbutton and LED demonstrate the remarkable flexibility of these devices.
Award-winning IL600 and IL600A Isolators provide unique passive inputs for flexibility
similar to LED-input optocouplers but with better performance and higher package density.
The devices are manufactured with NVE’s patented IsoLoop spintronic Giant Magnetoresistive
(GMR) technology for small size, high speed, and low power.
IL600-Series Specification Highlights
• Up to 100 Mbps Data Rate
• Wide Input Voltage Range
• Open Drain or CMOS Outputs
• Fail-Safe Output
• 3.3 V or 5 V Power Supply
• No Input-Side Power Supply Required
• 100 ps Pulse Jitter
• Low Power Dissipation
• Low EMC Footprint
• 2.5 kVrms Isolation (1 min.)
• 25,000 Year Barrier Life
• UL1577 and IEC61010 Approved
• MSOP, SOIC, and PDIP Packages
About This Evaluation Board
NVE Corporation
(952) 829-9217
iso-apps@nve.com
www.IsoLoop.com
www.nve.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com