Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMC Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # IMC
Description  The Industrial Micro Connector Series are unsealed connectors constructed from
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

IMC Datasheet(HTML) 4 Page - TE Connectivity Ltd

  IMC Datasheet HTML 1Page - TE Connectivity Ltd IMC Datasheet HTML 2Page - TE Connectivity Ltd IMC Datasheet HTML 3Page - TE Connectivity Ltd IMC Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
A
STEP
AHEAD
117
IMC Series
Tools for Solid Contacts
Part Number
Adjustable Hand Crimp Tools
MH860
QC/IMC #22 crimp tool, adjustable AWG ranges, requires 86-5
86-5
QC/IMC crimp tool positioner for MH860
AF8-TH163
QC/IMC #20 and #16 crimp tool, adjustable AWG ranges
Single Gauge Hand Crimp Tools
AMSC22/1
QC/IMC #22 crimp tool, low cost, only crimps 22 AWG wire
AMSC20/1
QC/IMC #20 crimp tool, low cost, only crimps 20 AWG wire
AMSC16/A/1
QC/IMC #16 crimp tool, low cost, only crimps 16 AWG wire
Insert/Removal Tools
6757-201-2201
Insert/Removal Tool #22
6757-201-2001
Insert/Removal Tool #20
6757-201-1601
Insert/Removal Tool #16
Size
PCB Pin
Part Number
22
6860-202-22278
20
6860-202-20278
16
6860-202-16278
Tools & Contacts
The Industrial Micro Connect Series uses special contacts and tools. The contacts are smaller and designed for high pin
density. Removal tools along with multiple crimp tools are available and are designed to work with the smaller contacts and
tighter pin arrangements. The Common Contact System and tools are not compatible with the IMC Series.
 Tools for IMC Series
 Solid Contacts for IMC Series
Size
Solid Contact Part Numbers
Wire Size
AWG
Recommended Strip
Length Inches (mm)
Pin
Socket
22
6860-201-22278
6862-201-22278
22, 24, 26
.160-.190 (4.06-4.83)
20
6860-201-20278
6862-201-20278
20, 22, 24
.230-.260 (5.84-6.60)
16
6860-201-16278
6862-201-16278
16, 18, 20
.230-.260 (5.84-6.60)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com