Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3ASH9 Datasheet(PDF) 1 Page - APEM Components, Inc.

Part # 3ASH9
Description  basic switch modules
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTIMEC [APEM Components, Inc.]
Direct Link  https://www.apem.com/idec-apem/en_IN
Logo MULTIMEC - APEM Components, Inc.

3ASH9 Datasheet(HTML) 1 Page - APEM Components, Inc.

  3ASH9 Datasheet HTML 1Page - APEM Components, Inc. 3ASH9 Datasheet HTML 2Page - APEM Components, Inc. 3ASH9 Datasheet HTML 3Page - APEM Components, Inc. 3ASH9 Datasheet HTML 4Page - APEM Components, Inc. 3ASH9 Datasheet HTML 5Page - APEM Components, Inc. 3ASH9 Datasheet HTML 6Page - APEM Components, Inc. 3ASH9 Datasheet HTML 7Page - APEM Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
mec . Industriparken 23 . P.o. Box 26 . DK-2750 Ballerup . Denmark
Tel.: +45 44 97 33 66 . Fax: +45 44 68 15 14 . Web: www.mec.dk. . E-mail: danmec@mec.dk
HOW TO ORDER
STANDARD 3C
VARIABLE HEIGHTS 3E
Min.10.16
Max 12.5
7.6
±0.5
10.1
7.6
14.0
Switch
Mounting
T through-hole
S surface mount
L 6 low temp. white
L 9 low temp. black
H 9 high temp.
Standard versions:
3CTL6
3CTL9
3CTH9
3CSH9
3CSH9R ( tape/reel)
3C
Switch
Ordering example: 3CTL6 and 3ETL9 - 09.5
Custom heights:
3E is available in any height from 08.0 to 15.0 mm.
Min. order qty. for custom heights is 2.000 pcs. / A start-up charge will apply.
Mounting
T through-hole
S surface mount
Standard overall height
08.0
09.5
10.4
12.0
15.0
L9 low temp.
H9 high temp.
Standard versions:
3ETL9
3ETH9
3ESH9
3ESH9R
3E
-
.
Ø=0.9
2.54
10.16
10.1
2.5
12.5
Technical Data:
- through-hole or SMD
- 50mA/24VDC
- single pole/momentary
- 10.000.000 operations life time
- IP67 sealing
- temperature range:
low temp:
high temp:
PCB layout
7.6
±0.5
Ø=0.9
2.54
10.16
PCB layout
PCB layout
3C/3E
PCB layout
Dimensions (Through-hole)
Dimensions (SMD)
Dimensions (Through-hole)
Dimensions (SMD)
2.5
12.5
7.6
11.0
10.1
10.1
ø 6.5
Min. 10.16
Max 12.5
14.0
H= 8.0
9.5
10.4
11.0
12.0
15.0
H= 8.0
9.5
10.4
11.0
12.0
15.0
ø 6.5
0.3
0.8
0.8
0.3
0.8
0.8
-40/+115ºC
-40/+160ºC


Similar Part No. - 3ASH9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3ASH9 ETC2-3ASH9 Datasheet
102Kb / 5P
Through-hole or SMD
logo
APEM Components, Inc.
3ASH9 MULTIMEC-3ASH9 Datasheet
191Kb / 8P
basic switch modules
3ASH9 MULTIMEC-3ASH9 Datasheet
101Kb / 5P
PANEL BUSH, 2.5-4.0
logo
MEC Marcom Electronic C...
3ASH9 MEC-3ASH9 Datasheet
357Kb / 8P
basic switch modules
041213
3ASH9 MEC-3ASH9 Datasheet
403Kb / 2P
Navimec™
More results

Similar Description - 3ASH9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
SWITCH BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
SWITCH-BASIC
logo
List of Unclassifed Man...
3ETL9-10.4 ETC2-3ETL9-10.4 Datasheet
251Kb / 2P
basic switch modules
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
SWITCH-BASIC
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
SWITCH-BASIC
logo
IDEC Corporation
15401 IDEC-15401 Datasheet
298Kb / 3P
basic switch modules
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com