Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMC06 Datasheet(PDF) 1 Page - Tyco Electronics

Part # IMC06
Description  iMC Laser or hand writable marking clip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

IMC06 Datasheet(HTML) 1 Page - Tyco Electronics

  IMC06 Datasheet HTML 1Page - Tyco Electronics IMC06 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
iMC Laser or hand writable marking clip
34
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Heat-Shrink/Cable Markers
Tyco Electronics iMC are marking clips designed for the identifica-
tion of wires and can be permanently attached to wires, post
termination.
They can be quickly and simply clipped on the wire or cable. The
polyester insert strip which can be printed using a laser printer or
written by hand is then inserted in the clip.
The marking clips are fastened without the need of cable ties.
Features and benefits
I Protects against damp, dust and dirt
I iMC polyester strip can be marked with a laser printer or
by hand
I Quick and flexible
I iMC strip is a dual color label with white on one side and
yellow on the other
Temperature rating
Operating temperature
0° to +80°C
(+32° to +176°F)
Printer Information
Standard laser printer with auto/manual sheet feed
Contact Tyco Electronics Electronics Identification for more information.


Similar Part No. - IMC06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IMC0603ER10NJ VISHAY-IMC0603ER10NJ Datasheet
299Kb / 2P
High Frequency, Surface Mount, Laser Spiral Coated Inductors
30-Sep-08
IMC0603ER10NJ01 VISHAY-IMC0603ER10NJ01 Datasheet
143Kb / 3P
Surface Mount Inductor, Wirewound
27-Oct-08
IMC0603ER10NJ01 VISHAY-IMC0603ER10NJ01 Datasheet
111Kb / 3P
Wirewound, Surface Mount Inductors
25-Feb-15
logo
Tyco Electronics
IMC06CGR MACOM-IMC06CGR Datasheet
2Mb / 28P
IM Series Signal Relays
IMC06CTS MACOM-IMC06CTS Datasheet
2Mb / 28P
IM Series Signal Relays
More results

Similar Description - IMC06

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA431B KEC-KIA431B Datasheet
8Kb / 1P
Laser Marking
2N2904E KEC-2N2904E_08 Datasheet
32Kb / 1P
Laser Marking
2N2906E KEC-2N2906E_08 Datasheet
21Kb / 1P
Laser Marking
2N3904C KEC-2N3904C_00 Datasheet
30Kb / 1P
Laser Marking
logo
TDK Electronics
B32651A7682K TDK-B32651A7682K Datasheet
82Kb / 3P
Product change Laser marking for film capacitors from India
logo
Molex Electronics Ltd.
130112-0122 MOLEX11-130112-0122 Datasheet
31Kb / 1P
Ground Clip for Watertite Hand Lamp
logo
Vincotech
V23990-P632-A-PM VINCOTECH-V23990-P632-A-PM Datasheet
2Mb / 32P
clip or screw on heatsink mounting
V23990-P634-A-PM VINCOTECH-V23990-P634-A-PM Datasheet
2Mb / 32P
clip or screw on heatsink mounting
logo
KEC(Korea Electronics)
MBRD20U100CT KEC-MBRD20U100CT Datasheet
22Kb / 1P
Laser Marking or Ink Marking
logo
TDK Electronics
B3202X TDK-B3202X Datasheet
200Kb / 25P
Laser marking for EPCOS film capacitors from Nashik and Zhuhai
April 8, 2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com