Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3FTL6RAS Datasheet(PDF) 1 Page - APEM Components, Inc.

Part # 3FTL6RAS
Description  basic switch modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTIMEC [APEM Components, Inc.]
Direct Link  https://www.apem.com/idec-apem/en_IN
Logo MULTIMEC - APEM Components, Inc.

3FTL6RAS Datasheet(HTML) 1 Page - APEM Components, Inc.

  3FTL6RAS Datasheet HTML 1Page - APEM Components, Inc. 3FTL6RAS Datasheet HTML 2Page - APEM Components, Inc. 3FTL6RAS Datasheet HTML 3Page - APEM Components, Inc. 3FTL6RAS Datasheet HTML 4Page - APEM Components, Inc. 3FTL6RAS Datasheet HTML 5Page - APEM Components, Inc. 3FTL6RAS Datasheet HTML 6Page - APEM Components, Inc. 3FTL6RAS Datasheet HTML 7Page - APEM Components, Inc. 3FTL6RAS Datasheet HTML 8Page - APEM Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
mec . Industriparken 23 . P.o. Box 26 . DK-2750 Ballerup . Denmark
Tel.: +45 44 97 33 66 . Fax: +45 44 68 15 14 . Web: www.mec.dk. . E-mail: danmec@mec.dk
HOW TO ORDER
Dimensions (w/LED)
Dimensions (through-hole)
Min.10.16
Max 12.5
7.6
±0.5
Min.10.16
Max12.5
12.5
Switch
Cap
Cap
Mounting
T through-hole
S surface mount
00 blue
02 green
03 grey
04 yellow
06 white
08 red
09 black
L6 low temp.
H9 high temp.
Standard versions:
3ATL6, 3ATH9, 3ASH9, 3ASH9R ( tape/reel)
3A
1
+A
1H
Switch
Ordering example: 3ATL680 + 1H098
Mounting
T through-hole
00 blue
02 green
03 grey
04 yellow
06 white
08 red
09 black
Lens
1 transparent
2 green
4 yellow
8 red
LED
20 green
40 yellow
80 red
L6 low temp.
H9 high temp.
Standard versions:
3ATL620, 3ATL640, 3ATL680
3A
T
+
Switch
Cap
Mounting
T through-hole
S surface mount
00 blue
02 green
03 grey
04 yellow
06 white
08 red
09 black
L6 low temp.
H9 high temp.
Standard versions:
3ATL6, 3ATH9, 3ASH9, 3ASH9R (tape/reel)
3A
1
+M
Ø= 0.9
2.54
10.16
Ø= 0.9
2.54
10.16
Technical Data:
- through-hole or SMD
- 50mA/24VDC
- single pole/momentary
- 10.000.000 operations life time
- IP67 sealing
- temperature range:
low temp:
high temp:
PCB layout
(top view)
PCB layout
3A + 1A/1H/1M
Dimensions (SMD)
14.0
7.6
25.0
2.5
12.5
PCB layout
12.5
7.6
±0.5
00 blue
0.8
0.3
0.8
0.8
3ATL600,
For 1A only:
30 ultra blue
40 dusty blue
42 aqua blue
32 mint green
33 tele grey
34 melon
38 noble red
50 metal dark blue
53 metal light grey
57 metal dark grey
58 metal bordeaux
0.3
-40/+115ºC
-40/+160ºC


Similar Part No. - 3FTL6RAS

ManufacturerPart #DatasheetDescription
logo
APEM Components, Inc.
3FTL6RAS MULTIMEC-3FTL6RAS Datasheet
148Kb / 7P
basic switch modules
3FTL6RAS MULTIMEC-3FTL6RAS Datasheet
101Kb / 5P
PANEL BUSH, 2.5-4.0
logo
MEC Marcom Electronic C...
3FTL6RAS MEC-3FTL6RAS Datasheet
357Kb / 8P
basic switch modules
041213
More results

Similar Description - 3FTL6RAS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
SWITCH BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
SWITCH-BASIC
logo
List of Unclassifed Man...
3ETL9-10.4 ETC2-3ETL9-10.4 Datasheet
251Kb / 2P
basic switch modules
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
SWITCH-BASIC
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
SWITCH-BASIC
logo
IDEC Corporation
15401 IDEC-15401 Datasheet
298Kb / 3P
basic switch modules
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com