Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC3 Datasheet(PDF) 1 Page - Multicomp Pro

Part # IPC3
Description  This plug converts Italian 3 Pin earth plug to the UK B31363 system.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

IPC3 Datasheet(HTML) 1 Page - Multicomp Pro

  IPC3 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TALIAN TO UK (IPC3):
This plug converts Italian 3 Pin earth plug to
the UK B31363 system.
ITALIAN EARTHED PLUG
ITALIAN PLUG INSERTED
INTO CONVERTER
PLUG FULLY SECURED
WITH SCREW
TECHNICAL INFORMATION
Voltage
240V 50Hz
Current rating 10A
Load
3000W (max.)
Fuse
3 ,5,10A BSI362
Material
Thermoplastic PP
Cadmium Free
Weight
50g (typical)
COLOURS AVAILABLE
Black / White.


Similar Part No. - IPC3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPC300N15N3R INFINEON-IPC300N15N3R Datasheet
783Kb / 5P
N-channel enhancement mode
Rev.2.6,2015-09-02
IPC300N20N3 INFINEON-IPC300N20N3 Datasheet
545Kb / 4P
N-channel enhancement mode
Rev.2.5,2014-07-23
IPC302N08N3 INFINEON-IPC302N08N3 Datasheet
546Kb / 4P
N-channel enhancement mode
Rev.2.5,2014-07-23
IPC302N10N3 INFINEON-IPC302N10N3 Datasheet
545Kb / 4P
N-channel enhancement mode
Rev.2.5,2014-07-23
IPC302N12N3 INFINEON-IPC302N12N3 Datasheet
545Kb / 4P
N-channel enhancement mode
Rev.2.5,2014-07-25
More results

Similar Description - IPC3

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1809 POMONA-1809 Datasheet
25Kb / 1P
Pin Jack To Banana Plug
logo
Schurter Inc.
1363 SCHURTER-1363 Datasheet
247Kb / 2P
UK Power (Mains) Plug, Cord Connector (Rewireable), 3 pole, Angled
logo
Elektron Components Ltd...
PX0649 BULGIN-PX0649 Datasheet
58Kb / 1P
Plug and Socket (2 Pole Earth)
logo
PowerDynamics, Inc
14512 POWERDYNAMICS-14512 Datasheet
49Kb / 1P
ITALIAN CORD SET, CEI.23-16-VII PLUG TO IEC 60320 C13 RECEPTACLE
logo
Tripp Lite. All Rights ...
P060006 TRIPPLITE-P060006 Datasheet
479Kb / 2P
Standard UK Computer Power Cord (C5 to BS-1363 UK Plug), 6-ft
logo
Mean Well Enterprises C...
YP61 MEANWELL-YP61 Datasheet
102Kb / 1P
AC power cord with UK 3 Pin plug and IEC320?륝13 plug
logo
Linx Technologies
ADP-SMAM-MCXM LINX-ADP-SMAM-MCXM Datasheet
338Kb / 2P
ADAPTER, SMA PLUG (MALE PIN) TO MCX PLUG (MALE PIN)
ADP-SMAM-MMXM LINX-ADP-SMAM-MMXM Datasheet
362Kb / 2P
ADAPTER, SMA PLUG (MALE PIN) TO MMCX PLUG (MALE PIN)
ADP-SMAM-SMAM-G LINX-ADP-SMAM-SMAM-G Datasheet
285Kb / 2P
ADAPTER, SMA PLUG (MALE PIN) TO SMA PLUG (MALE PIN), GOLD
logo
Electronic Components L...
BAC2556 CLIFF-BAC2556 Datasheet
305Kb / 1P
UK MAINS PLUG TO IEC CORDSET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com